Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9530 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9530
Description  4 CML Output, Low Jitter Clock Generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9530 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9530 Datasheet HTML 18Page - Analog Devices AD9530 Datasheet HTML 19Page - Analog Devices AD9530 Datasheet HTML 20Page - Analog Devices AD9530 Datasheet HTML 21Page - Analog Devices AD9530 Datasheet HTML 22Page - Analog Devices AD9530 Datasheet HTML 23Page - Analog Devices AD9530 Datasheet HTML 24Page - Analog Devices AD9530 Datasheet HTML 25Page - Analog Devices AD9530 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
AD9530
Data Sheet
Rev. 0 | Page 22 of 41
INPUT/OUTPUT TERMINATION RECOMMENDATIONS
Figure 19 through Figure 24 illustrate the recommended input and output connections for connecting the AD9530 to other devices.
VDD = 2.5V
AD9530
100
Ω DIFFERENTIAL
(COUPLED)
TRANSMISSION LINE
VDD = 2.5V
CML
50
Ω
50
Ω
0.1µF
0.1µF
Figure 19. CML AC-Coupled Output Driver (External Termination Required
When Using the Internal Termination Option)
VDD = 2.5V
AD9530
100
Ω DIFFERENTIAL
(COUPLED)
TRANSMISSION LINE
VS = VDD
VDD = 2.5V
CML
50
Ω
50
Ω
Figure 20. CML DC-Coupled Output Driver (External Termination Required
When Using the Internal Termination Option)
VDD
100
Ω DIFFERENTIAL
(COUPLED)
TRANSMISSION LINE
VDD = 2.5V
LVDS
AD9530
100
Ω
Figure 21. REFx Input Termination Recommendation for LVDS Drivers
VDD
100
Ω DIFFERENTIAL
(COUPLED)
TRANSMISSION LINE
VDD = 2.5V
HSTL
AD9530
0.1µF
0.1µF
100
Ω
Figure 22. REFx Input Termination Recommendation for High Speed
Transceiver Logic (HSTL) Drivers
VDD = 3.3V
100
Ω DIFFERENTIAL
(COUPLED)
TRANSMISSION LINE
VDD = 2.5V
LVPECL
AD9530
0.1µF
0.1µF
200
Ω
200
Ω
100
Ω
Figure 23. REFx Input Termination Recommendation for 3.3V LVPECL Drivers
100
Ω DIFFERENTIAL
(COUPLED)
TRANSMISSION LINE
VDD
50
Ω
50
Ω
VDD
VDD
CML
AD9530
Figure 24. REFx Input Termination Recommendation for 2.5V CML Drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com