Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32-R21 Datasheet(PDF) 101 Page - Omron Electronics LLC

Part # E32-R21
Description  An Extensive Selection of Fiber-Optic Cables
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R21 Datasheet(HTML) 101 Page - Omron Electronics LLC

Back Button E32-R21 Datasheet HTML 97Page - Omron Electronics LLC E32-R21 Datasheet HTML 98Page - Omron Electronics LLC E32-R21 Datasheet HTML 99Page - Omron Electronics LLC E32-R21 Datasheet HTML 100Page - Omron Electronics LLC E32-R21 Datasheet HTML 101Page - Omron Electronics LLC E32-R21 Datasheet HTML 102Page - Omron Electronics LLC E32-R21 Datasheet HTML 103Page - Omron Electronics LLC E32-R21 Datasheet HTML 104Page - Omron Electronics LLC E32-R21 Datasheet HTML 105Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 108 page
background image
E32
E32
102
J
DIFFUSE TYPE (CONT.)
Side Sensing Type
2 (0.08)
dia.
E32-D24
Light baffle Sensing surface
Sensing
head
(SUS304)
45°
3 (0.12)
dia.
Heat-shrinkable
tubing
Optical fibers, two,
1 (0.04) dia.
Two fiber
attachments
(E39-F9)
1
0.5
1.5
25 (0.98)
2 m (6.56 ft.)
15 (0.59)
15 (0.59)
35 (1.38)
12
(0.47)
10
(0.39)
High Temperature Type
E32-D51
Two, 1.5 dia.
3.1
10
(0.39)
4.9
Two toothed washers
Two hexagon clamping nuts
Sensing head,M6 x 0.75*
Optical fiber, 2.2
(0.09) dia.
17
(0.67)
2.4
3
Note:
Resistant temperature is 150°C (302°F). Resistant temperature is 130°C (266°F) when used
continuously.
*nickel-plated brass
2 m (6.56 ft.)
13 (0.51)
10
(0.39)
E32-D61
Note:
Section A resists 300°C (572°F) and section B (which is inserted to the amplifier) resists 110°C (230°F).
The operating temperature of section B must also be within the withstand temperature range of the
amplifier.
1.4
(0.06) dia.
M4 x 0.7
3.5 dia.
5dia.
SUS304
3
3
22.4
5
13
A
B
6.5
5
Two hexagon clamping nuts
Two toothed washers
Sensing head (SUS303)
M3 x 0.75
SUS flexible tube
Hexagon clamping screw
Sleeve
8
15 (0.59)
2 m (6.56 ft.)
See note
20 (0.79)
16.5 (0.65)
6.4
(0.25)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com