Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32-R21 Datasheet(PDF) 102 Page - Omron Electronics LLC

Part # E32-R21
Description  An Extensive Selection of Fiber-Optic Cables
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R21 Datasheet(HTML) 102 Page - Omron Electronics LLC

Back Button E32-R21 Datasheet HTML 98Page - Omron Electronics LLC E32-R21 Datasheet HTML 99Page - Omron Electronics LLC E32-R21 Datasheet HTML 100Page - Omron Electronics LLC E32-R21 Datasheet HTML 101Page - Omron Electronics LLC E32-R21 Datasheet HTML 102Page - Omron Electronics LLC E32-R21 Datasheet HTML 103Page - Omron Electronics LLC E32-R21 Datasheet HTML 104Page - Omron Electronics LLC E32-R21 Datasheet HTML 105Page - Omron Electronics LLC E32-R21 Datasheet HTML 106Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 108 page
background image
E32
E32
103
J
DIFFUSE TYPE (CONT.)
High Temperature Type
E32-D73
Note:
Section A resists 400°C (752°F), section B resists 300°C (572°F) and section C (which is inserted to the amplifier)
resists 110°C (230°F). The operating temperature of section C mustalso be within the withstand temperature range
of the amplifier.
1.0
(0.04) dia.
7
55
2.4
5
10
A
B
C
6.5
SUS303
Two hexagon clamping nuts
Two toothed washers
Sensing head
1.25 dia.
SUS flexible tube
Hexagon
clamping
screw
Sleeve
1.65 dia.
2.5 dia.
4 dia.
2.8 dia.
5dia.
M4 x 0.7 (SUS303)
6.4
(0.25)
8
15 (0.59)
2 m (6.56 ft.)
See note
13 (0.51)
16.5 (0.65)
20 (0.79)
60 (2.36)
Convergent Type and Special Purpose
E32-D12F
Sensing head,
6 (0.24) dia.
Fluoride resin
5 (0.20) dia.
Optical fiber, two,
2.2 (0.09) dia.
100
16
2 m (6.56 ft.)
(3.94)
6.5 (0.26)
4 (0.16)
3.3
1.5
3.3
Optical
axis
4
18 (0.71)
Sensing head
(PC)
Two, 3.2 dia, 6 dia.
counter sinking
Side view prism (PC)
Two, 1 dia. optical fibers
Two fiber attachment
(E39-F9)
E32-L24L
20
(0.79)
2m (6.56 ft.)
6
10
(0.39)
25
(0.98)
3.6 (0.14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com