Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32-R21 Datasheet(PDF) 104 Page - Omron Electronics LLC

Part # E32-R21
Description  An Extensive Selection of Fiber-Optic Cables
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R21 Datasheet(HTML) 104 Page - Omron Electronics LLC

Back Button E32-R21 Datasheet HTML 100Page - Omron Electronics LLC E32-R21 Datasheet HTML 101Page - Omron Electronics LLC E32-R21 Datasheet HTML 102Page - Omron Electronics LLC E32-R21 Datasheet HTML 103Page - Omron Electronics LLC E32-R21 Datasheet HTML 104Page - Omron Electronics LLC E32-R21 Datasheet HTML 105Page - Omron Electronics LLC E32-R21 Datasheet HTML 106Page - Omron Electronics LLC E32-R21 Datasheet HTML 107Page - Omron Electronics LLC E32-R21 Datasheet HTML 108Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 104 / 108 page
background image
E32
E32
105
J
RETROREFLECTIVE TYPE
15
(0.59)
E32-R16
7.2
21.5
(0.85)
Lens (PMMA)
1
Nameplate
27 (1.06)
7 (0.28)
1.5 (0.06)
3.2
4
1.5
16
6
3.2
(0.13)
13
(0.51)
8
16±0.2
Mounting bracket
(attachment)
Two, M3 screws
(attachment)
Optical fiber,
two, 2.2 (0.09) dia.
Standard length: 2 m
10
(0.39)
17
(0.67)
21
(0.83)
22.5
(0.88)
15.2
(0.60)
10
(0.39)
Lens
(PMMA)
Siliconetube
Optical fibers, two, 1 dia.
Two fiber
attachments
(E39-F9)
Sensing head
Two hexagon clamping nuts
Two washers
M6 x 0.75
17.8
27.8
(1.09)
2.2
(0.09)
5dia.
3
11
14
10
25 (0.98)
E32-R21
2 m (6.56 ft.)
2.8
(0.11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com