Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCT2202 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCT2202
Description  Ultra low power, 1.8 V, 1 deg. C accuracy, digital temperature sensor with I2C-bus interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2202 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCT2202 Datasheet HTML 17Page - NXP Semiconductors PCT2202 Datasheet HTML 18Page - NXP Semiconductors PCT2202 Datasheet HTML 19Page - NXP Semiconductors PCT2202 Datasheet HTML 20Page - NXP Semiconductors PCT2202 Datasheet HTML 21Page - NXP Semiconductors PCT2202 Datasheet HTML 22Page - NXP Semiconductors PCT2202 Datasheet HTML 23Page - NXP Semiconductors PCT2202 Datasheet HTML 24Page - NXP Semiconductors PCT2202 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
PCT2202
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1.1 — 14 August 2015
21 of 30
NXP Semiconductors
PCT2202
Ultra low power, 1.8 V, 1 deg. C accuracy, I2C-bus digital temp sensor
13. Package outline
Fig 18. Package outline PCT2202UK (WLCSP6)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
wlcsp6_pct2202_po
13-10-07
14-11-19
Unit
mm
max
nom
min
0.22
0.72
1.12
0.8
0.15
0.05
A
Dimensions (mm are the original dimensions)
A1
A2
0.287
0.257
0.19
0.69
1.09
0.4
bD
E
e
e1
0.4
e2
vw
0.05
0.16
0.66
1.06
y
0.272
0.125
0.095
0.110
0.41
0.35
0.38
0
scale
1 mm
PCT2202
- - -
- - -
- - -
PCT2202
WLCSP6: wafer level chip-scale package; 6 bumps; 0.69 x 1.09 x 0.38 mm (Backside coating included)
X
A
D
B
EA
detail X
A2
A1
2
1
C
B
A
C
y
b
A
C
B
Ø v
C
Ø w
e1
e2
e
ball A1
index area
ball A1
index area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com