Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCT2202 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCT2202
Description  Ultra low power, 1.8 V, 1 deg. C accuracy, digital temperature sensor with I2C-bus interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2202 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCT2202 Datasheet HTML 3Page - NXP Semiconductors PCT2202 Datasheet HTML 4Page - NXP Semiconductors PCT2202 Datasheet HTML 5Page - NXP Semiconductors PCT2202 Datasheet HTML 6Page - NXP Semiconductors PCT2202 Datasheet HTML 7Page - NXP Semiconductors PCT2202 Datasheet HTML 8Page - NXP Semiconductors PCT2202 Datasheet HTML 9Page - NXP Semiconductors PCT2202 Datasheet HTML 10Page - NXP Semiconductors PCT2202 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
PCT2202
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1.1 — 14 August 2015
7 of 30
NXP Semiconductors
PCT2202
Ultra low power, 1.8 V, 1 deg. C accuracy, I2C-bus digital temp sensor
For positive temperatures (for example, +50
C): Two’s complement is not performed on
positive numbers, therefore, simply convert the number to binary code with the 12-bit,
left-justified format, and MSB = 0 to denote a positive sign.
Example: (+50
C) / (0.0625 C/count) = 800 (decimal) = 320h = 0011 0010 0000.
For negative temperatures (for example,
25 C): Generate the two’s complement of a
negative number by complementing the absolute value binary number and adding 1.
Denote a negative number with MSB = 1.
Example: (
25 C) / (0.0625 C/count) = 400 (decimal) = 190h = 001 1001 0000.
Two’s complement format: 1110 0110 1111 + 1 = 1110 0111 0000.
Table 6.
Byte 1 of Temperature register
Extended mode 13-bit configuration shown in parentheses.
D7
D6
D5
D4
D3
D2
D1
D0
T11
(T12)
T10
(T11)
T9
(T10)
T8
(T9)
T7
(T8)
T6
(T7)
T5
(T6)
T4
(T5)
Table 7.
Byte 2 of Temperature register
Extended mode 13-bit configuration shown in parentheses.
D7
D6
D5
D4
D3
D2
D1
D0
T3
(T4)
T2
(T3)
T1
(T2)
T0
(T1)
0
(T0)
0
(0)
0
(0)
0
(1)
Table 8.
12-bit temperature data format
The resolution for the Temp ADC in Internal temperature mode is 0.0625
C/count.
Temperature (
C)
Digital output (binary)
Hex
128
0111 1111 1111
7FFh
127.9375
0111 1111 1111
7FFh
100
0110 0100 0000
640h
80
0101 0000 0000
500h
75
0100 1011 0000
4B0h
50
0011 0010 0000
320h
25
0001 1001 0000
190h
0.25
0000 0000 0100
004h
0
0000 0000 0000
000h
0.25
1111 1111 1100
FFCh
25
1110 0111 0000
E70h
55
1100 1001 0000
C90h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com