Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCT2202 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCT2202
Description  Ultra low power, 1.8 V, 1 deg. C accuracy, digital temperature sensor with I2C-bus interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2202 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCT2202 Datasheet HTML 4Page - NXP Semiconductors PCT2202 Datasheet HTML 5Page - NXP Semiconductors PCT2202 Datasheet HTML 6Page - NXP Semiconductors PCT2202 Datasheet HTML 7Page - NXP Semiconductors PCT2202 Datasheet HTML 8Page - NXP Semiconductors PCT2202 Datasheet HTML 9Page - NXP Semiconductors PCT2202 Datasheet HTML 10Page - NXP Semiconductors PCT2202 Datasheet HTML 11Page - NXP Semiconductors PCT2202 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
PCT2202
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1.1 — 14 August 2015
8 of 30
NXP Semiconductors
PCT2202
Ultra low power, 1.8 V, 1 deg. C accuracy, I2C-bus digital temp sensor
7.3 Configuration register
The Configuration register is a 16-bit read/write register used to store bits that control the
operational modes of the temperature sensor. Read/write operations are performed
MSByte first. The format and power-up/reset value of the Configuration register is shown
in Table 10. For compatibility, the first byte corresponds to the Configuration register in the
LM75 and PCT2075. All registers are updated byte-by-byte.
7.3.1 EM - Extended mode bit
The Extended mode bit configures the device for Normal mode operation (EM = 0) or
Extended mode operation (EM = 1). In Normal mode, the Temperature register and
High-limit and Low-limit registers use a 12-bit data format. Normal mode is used to make
the PCT2202 compatible with the LM75 and PCT2075.
Extended mode (EM = 1) allows measurement of temperatures above +128
C by
configuring the Temperature register and High-limit and Low-limit registers for 13-bit data
format.
7.3.2 AL - ALERT bit
The AL bit is a read-only function. Reading the AL bit will provide information about the
comparator mode status. The state of the POL bit inverts the polarity of data returned from
the AL bit. For POL = 0, the AL bit will read as ‘1’ until the temperature equals or exceeds
THIGH for the programmed number of consecutive faults, causing the AL bit to read as ‘0’.
Table 9.
13-bit temperature data format
Temperature (
C)
Digital output (binary)
Hex
150
0 1001 0110 0000
0960h
128
0 1000 0000 0000
0800h
127.9375
0 0111 1111 1111
07FFh
100
0 0110 0100 0000
0640h
80
0 0101 0000 0000
0500h
75
0 0100 1011 0000
04B0h
50
0 0011 0010 0000
0320h
25
0 0001 1001 0000
0190h
0.25
0 0000 0000 0100
0004h
0
0 0000 0000 0000
0000h
0.25
1 1111 1111 1100
1FFCh
25
1 1110 0111 0000
1E70h
55
1 1100 1001 0000
1C90h
Table 10.
Configuration and power-up/reset format
Byte
D7
D6
D5
D4
D3
D2
D1
D0
1OS
R1
R0
F1
F0
POL
TM
SD
01
10
00
00
2
CR1
CR0
AL
EM
0
0
0
0
10
10
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com