Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCT2202 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCT2202
Description  Ultra low power, 1.8 V, 1 deg. C accuracy, digital temperature sensor with I2C-bus interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2202 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCT2202 Datasheet HTML 1Page - NXP Semiconductors PCT2202 Datasheet HTML 2Page - NXP Semiconductors PCT2202 Datasheet HTML 3Page - NXP Semiconductors PCT2202 Datasheet HTML 4Page - NXP Semiconductors PCT2202 Datasheet HTML 5Page - NXP Semiconductors PCT2202 Datasheet HTML 6Page - NXP Semiconductors PCT2202 Datasheet HTML 7Page - NXP Semiconductors PCT2202 Datasheet HTML 8Page - NXP Semiconductors PCT2202 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
PCT2202
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1.1 — 14 August 2015
4 of 30
NXP Semiconductors
PCT2202
Ultra low power, 1.8 V, 1 deg. C accuracy, I2C-bus digital temp sensor
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration for WLCSP6
C1
A1
B1
bump A1
index area
Transparent top view
002aah313
C2
A2
SDA
VCC
A0
SCL
ALERT
PCT2202UK
B2
GND
Table 3.
Pin description
Symbol
Pin
Description
SCL
A2
Digital input. I2C-bus serial clock input.
GND
B2
Ground. To be connected to the system ground.
ALERT
C2
Overtemperature Shutdown output; open-drain.
A0
C1
Digital input. User-defined I2C-bus address (connect to VDD, GND SDA or
SCL).
VCC
B1
Power supply.
SDA
A1
Digital I/O. I2C-bus serial bidirectional data line; open-drain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com