Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCT2202 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCT2202
Description  Ultra low power, 1.8 V, 1 deg. C accuracy, digital temperature sensor with I2C-bus interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2202 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCT2202 Datasheet HTML 8Page - NXP Semiconductors PCT2202 Datasheet HTML 9Page - NXP Semiconductors PCT2202 Datasheet HTML 10Page - NXP Semiconductors PCT2202 Datasheet HTML 11Page - NXP Semiconductors PCT2202 Datasheet HTML 12Page - NXP Semiconductors PCT2202 Datasheet HTML 13Page - NXP Semiconductors PCT2202 Datasheet HTML 14Page - NXP Semiconductors PCT2202 Datasheet HTML 15Page - NXP Semiconductors PCT2202 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
PCT2202
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1.1 — 14 August 2015
12 of 30
NXP Semiconductors
PCT2202
Ultra low power, 1.8 V, 1 deg. C accuracy, I2C-bus digital temp sensor
8.
Bus overview
The I2C-bus is for 2-way, 2-line communication between different ICs or modules. The two
lines are a serial data line (SDA) and a serial clock line (SCL). Both lines must be
connected to a positive supply via a pull-up resistor when connected to the output stages
of a device. Data transfer may be initiated only when the bus is not busy.
The device that initiates the transfer is called a ‘master’, and the devices controlled by the
master are ‘slaves’. The bus must be controlled by a master device that generates the
serial clock (SCL), controls the bus access, and generates the START and STOP
conditions.
To address a specific device, a START condition is initiated, indicated by pulling the
data line (SDA) from a HIGH to LOW logic level while SCL is HIGH. All slaves on the bus
shift in the slave address byte on the rising edge of the clock, with the last bit indicating
whether a read or write operation is intended. During the ninth clock pulse, the slave being
addressed responds to the master by generating an Acknowledge and pulling SDA LOW.
Data transfer is then initiated and sent over eight clock pulses followed by an
Acknowledge bit. During data transfer SDA must remain stable while SCL is HIGH,
because any change in SDA while SCL is HIGH will be interpreted as a START or STOP
signal.
Once all data have been transferred, the master generates a STOP condition indicated by
pulling SDA from LOW to HIGH, while SCL is HIGH.
8.1 Serial interface
The PCT2202 operates as a slave device only on the I2C-bus and SMBus. Connections to
the bus are made via the open-drain I/O lines SDA and SCL. The SDA and SCL pins
feature integrated spike suppression filters and Schmitt triggers to minimize the effects of
input spikes and bus noise. The PCT2202 supports the transmission protocol for Standard
mode, Fast mode, Fast-mode Plus (1 kHz to 1 MHz) and High-speed mode (1 kHz to
3.4 MHz). All data bytes are transmitted MSByte first.
Table 13.
Byte 1 and Byte 2 of THIGH register
Extended mode 13-bit configuration shown in parentheses.
Byte
D7
D6
D5
D4
D3
D2
D1
D0
1H11
(H12)
H10
(H11)
H9
(H10)
H8
(H9)
H7
(H8)
H6
(H7)
H5
(H6)
H4
(H5)
2H3
(H4)
H2
(H3)
H1
(H2)
H0
(H1)
0
(H0)
0
(0)
0
(0)
0
(0)
Table 14.
Byte 1 and Byte 2 of TLOW register
Extended mode 13-bit configuration shown in parentheses.
Byte
D7
D6
D5
D4
D3
D2
D1
D0
1L11
(L12)
L10
(L11)
L9
(L10)
L8
(L9)
L7
(L8)
L6
(L7)
L5
(L6)
L4
(L5)
2L3
(L4)
L2
(L3)
L1
(L2)
L0
(L1)
0
(L0)
0
(0)
0
(0)
0
(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com