Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCT2202 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCT2202
Description  Ultra low power, 1.8 V, 1 deg. C accuracy, digital temperature sensor with I2C-bus interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2202 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCT2202 Datasheet HTML 9Page - NXP Semiconductors PCT2202 Datasheet HTML 10Page - NXP Semiconductors PCT2202 Datasheet HTML 11Page - NXP Semiconductors PCT2202 Datasheet HTML 12Page - NXP Semiconductors PCT2202 Datasheet HTML 13Page - NXP Semiconductors PCT2202 Datasheet HTML 14Page - NXP Semiconductors PCT2202 Datasheet HTML 15Page - NXP Semiconductors PCT2202 Datasheet HTML 16Page - NXP Semiconductors PCT2202 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
PCT2202
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1.1 — 14 August 2015
13 of 30
NXP Semiconductors
PCT2202
Ultra low power, 1.8 V, 1 deg. C accuracy, I2C-bus digital temp sensor
8.2 Serial bus address
To communicate with the PCT2202, the master must first address slave devices via a
slave address byte. The slave address byte consists of seven address bits, and a
direction bit indicating the intent of executing a read or write operation.
The PCT2202 features an address pin to allow up to four devices to be addressed on a
single bus. Table 15 describes the pin logic levels used to properly connect up to four
devices.
8.3 Write/read operation
Accessing a particular register on the PCT2202 is accomplished by writing the appropriate
value to the Pointer register. The value for the Pointer Register is the first byte transferred
after the slave address byte with the R/W bit LOW. Every write operation to the PCT2202
requires a value for the Pointer register (see Figure 15).
When reading from the PCT2202, the last value stored in the Pointer register by a write
operation is used to determine which register is read by a read operation. To change the
register pointer for a read operation, a new value must be written to the Pointer register.
This action is accomplished by issuing a slave address byte with the R/W bit LOW,
followed by the Pointer register byte. No additional data are required. The master can then
generate a START condition and send the slave address byte with the R/W bit HIGH to
initiate the read command. See Figure 16 for details of this sequence. If repeated reads
from the same register are desired, it is not necessary to continually send the Pointer
register bytes, because the PCT2202 remembers the Pointer register value until it is
changed by the next write operation.
Note that register bytes are sent with the most significant byte first, followed by the least
significant byte.
8.4 Slave mode operations
The PCT2202 can operate as a slave receiver or slave transmitter. As a slave device, the
PCT2202 never drives the SCL line — it is an input only.
8.4.1 Slave receiver mode
The first byte transmitted by the master is the slave address, with the R/W bit LOW. The
PCT2202 then acknowledges reception of a valid address. The next byte transmitted by
the master is the Pointer register. The PCT2202 then acknowledges reception of the
Pointer register byte. The next byte or bytes are written to the register addressed by the
Pointer register. The PCT2202 acknowledges reception of each data byte. The master
can terminate data transfer by generating a START or STOP condition.
Table 15.
Address pin (ADD0) and slave addresses
Device two-wire address
A0 pin connection
1001 000
GND
1001 001
VDD
1001 010
SDA
1001 011
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com