Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29AL032D Datasheet(PDF) 30 Page - SPANSION

Part # S29AL032D
Description  32 Megabit CMOS 3.0 Volt-only Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL032D Datasheet(HTML) 30 Page - SPANSION

Back Button S29AL032D Datasheet HTML 26Page - SPANSION S29AL032D Datasheet HTML 27Page - SPANSION S29AL032D Datasheet HTML 28Page - SPANSION S29AL032D Datasheet HTML 29Page - SPANSION S29AL032D Datasheet HTML 30Page - SPANSION S29AL032D Datasheet HTML 31Page - SPANSION S29AL032D Datasheet HTML 32Page - SPANSION S29AL032D Datasheet HTML 33Page - SPANSION S29AL032D Datasheet HTML 34Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 69 page
background image
28
S29AL032D
S29AL032D_00_A3 June 13, 2005
Advan ce
In form ati o n
Power-Up Write Inhibit
If WE# = CE# = VIL and OE# = VIH during power up, the device does not accept commands on
the rising edge of WE#. The internal state machine is automatically reset to reading array data
on power-up.
Common Flash Memory Interface (CFI)
The Common Flash Interface (CFI) specification outlines device and host system software inter-
rogation handshake, which allows specific vendor-specified software algorithms to be used for
entire families of devices. Software support can then be device-independent, JEDEC ID-indepen-
dent, and forward- and backward-compatible for the specified flash device families. Flash vendors
can standardize their existing interfaces for long-term compatibility.
This device enters the CFI Query mode when the system writes the CFI Query command, 98h, to
address 55h in word mode (or address AAh in byte mode), any time the device is ready to read
array data. The system can read CFI information at the addresses given in Tables 12–15. In word
mode, the upper address bits (A7–MSB) must be all zeros. To terminate reading CFI data, the
system must write the reset command.
The system can also write the CFI query command when the device is in the autoselect mode.
The device enters the CFI query mode, and the system can read CFI data at the addresses given
in Tables 12–15. The system must write the reset command to return the device to the autoselect
mode.
For further information, please contact a Spansion representative for a copy of this document.
Table 12. CFI Query Identification String
Addresses
Addresses
(Models 03, 04
Byte Mode
Only)
Data
Description
10h
11h
12h
20h
22h
24h
0051h
0052h
0059h
Query Unique ASCII string QRY
13h
14h
26h
28h
0002h
0000h
Primary OEM Command Set
15h
16h
2Ah
2Ch
0040h
0000h
Address for Primary Extended Table
17h
18h
2Eh
30h
0000h
0000h
Alternate OEM Command Set (00h = none exists)
19h
1Ah
32h
34h
0000h
0000h
Address for Alternate OEM Extended Table (00h = none exists)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com