Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29AL032D Datasheet(PDF) 12 Page - SPANSION

Part # S29AL032D
Description  32 Megabit CMOS 3.0 Volt-only Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL032D Datasheet(HTML) 12 Page - SPANSION

Back Button S29AL032D Datasheet HTML 8Page - SPANSION S29AL032D Datasheet HTML 9Page - SPANSION S29AL032D Datasheet HTML 10Page - SPANSION S29AL032D Datasheet HTML 11Page - SPANSION S29AL032D Datasheet HTML 12Page - SPANSION S29AL032D Datasheet HTML 13Page - SPANSION S29AL032D Datasheet HTML 14Page - SPANSION S29AL032D Datasheet HTML 15Page - SPANSION S29AL032D Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
10
S29AL032D
S29AL032D_00_A3 June 13, 2005
Advan ce
In form ati o n
Ordering Information
S29AL032D Standard Products
Spansion standard products are available in several packages and operating
ranges. The order number (Valid Combination) is formed by a combination of the
elements below.
Notes:
1. Type 0 is standard. Specify other options as required.
2. TSOP package marking omits packing type designator from ordering part number.
3. BGA package marking omits leading S29 and packing type designator from ordering part number.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult your
local sales office to confirm availability of specific valid combinations and to check on newly released
combinations.
S29AL032D
70
T
A
I
00
0
PACKING TYPE
0= Tray
2
= 7” Tape and Reel
3
= 13” Tape and Reel
MODEL NUMBER
00
= x8, VCC = 2.7 V to 3.6 V, Uniform sector device
03
= x8/x16, VCC = 2.7 V to 3.6 V, Top boot sector device, top two address
sectors protected when WP#/ACC = VIL
04
= x8/x16, VCC = 2.7 V to 3.6 V, Bottom boot sector device, bottom two
address sectors protected when WP#/ACC = VIL
TEMPERATURE RANGE
I
= Industrial (–40
°C to +85°C)
E
= Engineering Samples (available prior to Production Release only)
PACKAGE MATERIAL SET
A= Standard
F= Pb-Free
PACKAGE TYPE
T
= Thin Small Outline Package (TSOP) Standard Pinout
B
= Fine-pitch Ball-Grid Array Package
SPEED OPTION
See “Product Selector Guide” and Valid Combinations
DEVICE NUMBER/DESCRIPTION
S29AL032D
3.0 Volt-only, 32 Megabit Standard Flash Memory
manufactured using 200 nm process technology
S29AL032D Valid Combinations
Package Description
Device Number
Speed
Option
Package Type,
Material, and
Temperature Range
Model
Number
Packing Type
S29AL032D
70, 90
TAI, TFI
00
0, 3 (Note 1)
TS040 (Note 2)
TSOP
03, 04
TS048 (Note 2)
TSOP
BAI, BFI
00, 03, 04
0, 2, 3 (Note 1)
VBN048 (Note 3)
Fine-Pitch BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com