Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29AL032D Datasheet(PDF) 13 Page - SPANSION

Part # S29AL032D
Description  32 Megabit CMOS 3.0 Volt-only Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL032D Datasheet(HTML) 13 Page - SPANSION

Back Button S29AL032D Datasheet HTML 9Page - SPANSION S29AL032D Datasheet HTML 10Page - SPANSION S29AL032D Datasheet HTML 11Page - SPANSION S29AL032D Datasheet HTML 12Page - SPANSION S29AL032D Datasheet HTML 13Page - SPANSION S29AL032D Datasheet HTML 14Page - SPANSION S29AL032D Datasheet HTML 15Page - SPANSION S29AL032D Datasheet HTML 16Page - SPANSION S29AL032D Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
June 13, 2005 S29AL032D_00_A3
S29AL032D
11
Ad vance
Info rmat i o n
Device Bus Operations
This section describes the requirements and use of the device bus operations, which are initiated
through the internal command register. The command register itself does not occupy any addres-
sable memory location. The register is composed of latches that store the commands, along with
the address and data information needed to execute the command. The contents of the register
serve as inputs to the internal state machine. The state machine outputs dictate the function of
the device. Table 1 lists the device bus operations, the inputs and control levels they require, and
the resulting output. The following subsections describe each of these operations in further detail.
Table 1. S29AL032D Device Bus Operations
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 12.0 ± 0.5 V, X = Don’t Care, AIN = Address In, DIN = Data In, DOUT
= Data Out
Notes:
1. When the ACC pin is at VHH, the device enters the accelerated program mode. See
2. Addresses are A20:A0 in word mode (BYTE# = VIH), A20:A-1 in byte mode (BYTE# = VIL).
3. The sector protect and sector unprotect functions may also be implemented via programming equipment.
4. If WP#/ACC = VIL, the two outermost boot sectors remain protected. If WP#/ACC = VIH, the two outermost boot sector
protection depends on whether they were last protected or unprotected. If WP#/ACC = VHH, all sectors are unprotected.
5. DIN or DOUT as required by command sequence, data polling, or sector protection algorithm.
6. Models 03, 04 only
Word/Byte Configuration (Models 03, 04 Only)
The BYTE# pin controls whether the device data I/O pins DQ15–DQ0 operate in the byte or word
configuration. If the BYTE# pin is set at logic 1, the device is in word configuration, DQ15–DQ0
are active and controlled by CE# and OE#.
If the BYTE# pin is set at logic 0, the device is in byte configuration, and only data I/O pins DQ0–
DQ7 are active and controlled by CE# and OE#. The data I/O pins DQ8–DQ14 are tri-stated, and
the DQ15 pin is used as an input for the LSB (A-1) address function.
Requirements for Reading Array Data
To read array data from the outputs, the system must drive the CE# and OE# pins to VIL. CE# is
the power control and selects the device. OE# is the output control and gates array data to the
output pins. WE# should remain at VIH. The BYTE# pin determines whether the device outputs
array data in words or bytes.
Operation
CE#
OE# WE#
RESET#
WP#(Note 6)/
ACC
Addresses
(Note 3)
DQ0–
DQ7
DQ8–DQ15 (Note 6)
BYTE#
= VIH
BYTE# = VIL
Read
LL
H
H
L/H
AIN
DOUT
DOUT
DQ8–DQ14 =
High-Z, DQ15 =
A-1
Write (Note 1)
LH
L
H
(Note 4)
AIN
(Note 5) (Note 5)
Accelerated Program
(Note 6)
LH
L
H
VHH
AIN
(Note 5) (Note 5)
Standby
VCC ±
0.3 V
XX
VCC ±
0.3 V
H
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
L/H
X
High-Z
High-Z
High-Z
Reset
X
X
X
L
L/H
X
High-Z
High-Z
High-Z
Sector Protect (Note 3)
LH
L
VID
L/H
SA, A6 = L,
A1 = H, A0 = L
(Note 5)
XX
Sector Unprotect
(Note 3)
LH
L
VID
(Note 4)
SA, A6 = H,
A1 = H, A0 = L
(Note 5)
XX
Temporary Sector
Unprotect
XX
X
VID
(Note 4)
AIN
(Note 5) (Note 5)
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com