| Electronic Components Datasheet Search |
|
S29AL032D Datasheet(PDF) 23 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29AL032D Datasheet(HTML) 23 Page - SPANSION |
|
23 / 69 page ![]() June 13, 2005 S29AL032D_00_A3 S29AL032D 21 Ad vance Info rmat i o n The device is shipped with all sectors unprotected. Spansion offers the option of programming and protecting sectors at its factory prior to shipping the device through the Spansion Express- Flash™ Service. Contact a Spansion representative for further details. It is possible to determine whether a sector is protected or unprotected. See “Autoselect Mode” for details. Sector protection/unprotection can be implemented via two methods. The primary method requires VID on the RESET# pin only, and can be implemented either in-sys- tem or via programming equipment. Figure 2, on page 25 shows the algorithms and Figure 26, on page 59 shows the timing diagram. This method uses standard microprocessor bus cycle tim- ing. For sector unprotect, all unprotected sectors must first be protected prior to the first sector unprotect write cycle. The alternate method intended only for programming equipment requires VID on address pin A9 and OE#. This method is compatible with programmer routines written for earlier 3.0 volt-only Spansion flash devices. Details on this method are provided in a supplement, publication number 21468. Contact a Spansion representative to request a copy. Table 9. Sector Block Addresses for Protection/Unprotection — Model 00 Sector/Sector Block A21–A16 Sector/Sector Block Size SA0 000000 64 Kbytes SA1-SA3 000001,000010, 000011 192 (3x64) Kbytes SA4-SA7 000100, 000101, 000110, 000111 256 (4x64) Kbytes SA8-SA11 001000, 001001, 001010, 001011 256 (4x64) Kbytes SA12-SA15 001100, 001101, 001110, 001111 256 (4x64) Kbytes SA16-SA19 010000, 010001, 010010, 010011 256 (4x64) Kbytes SA20-SA23 010100, 010101, 010110, 010111 256 (4x64) Kbytes SA24-SA27 011000, 011001, 011010, 011011 256 (4x64) Kbytes SA28-SA31 011100, 011101, 011110, 011111 256 (4x64) Kbytes SA32-SA35 100000, 100001, 100010, 100011 256 (4x64) Kbytes SA36-SA39 100100, 100101, 100110, 100111 256 (4x64) Kbytes SA40-SA43 101000, 101001, 101010, 101011 256 (4x64) Kbytes SA44-SA47 101100, 101101, 101110, 101111 256 (4x64) Kbytes SA48-SA51 110000, 110001, 110010, 110011 256 (4x64) Kbytes SA52-SA55 110100, 110101, 110110, 110111 256 (4x64) Kbytes SA56-SA59 111000, 111001, 111010, 111011 256 (4x64) Kbytes SA60-SA62 111100, 111101, 111110 192 (4x64) Kbytes SA63 111111 64 Kbytes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |