Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29AL032D Datasheet(PDF) 14 Page - SPANSION

Part # S29AL032D
Description  32 Megabit CMOS 3.0 Volt-only Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL032D Datasheet(HTML) 14 Page - SPANSION

Back Button S29AL032D Datasheet HTML 10Page - SPANSION S29AL032D Datasheet HTML 11Page - SPANSION S29AL032D Datasheet HTML 12Page - SPANSION S29AL032D Datasheet HTML 13Page - SPANSION S29AL032D Datasheet HTML 14Page - SPANSION S29AL032D Datasheet HTML 15Page - SPANSION S29AL032D Datasheet HTML 16Page - SPANSION S29AL032D Datasheet HTML 17Page - SPANSION S29AL032D Datasheet HTML 18Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 69 page
background image
12
S29AL032D
S29AL032D_00_A3 June 13, 2005
Advan ce
In form ati o n
The internal state machine is set for reading array data upon device power-up, or after a hardware
reset. This ensures that no spurious alteration of the memory content occurs during the power
transition. No command is necessary in this mode to obtain array data. Standard microprocessor
read cycles that assert valid addresses on the device address inputs produce valid data on the
device data outputs. The device remains enabled for read access until the command register con-
tents are altered.
See Reading Array Data on page 31 for more information. Refer to the AC Read Operations on
page 50 table for timing specifications and to Figure 14, on page 50 for the timing diagram. ICC1
in the DC Characteristics table represents the active current specification for reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which includes programming data to the device and
erasing sectors of memory), the system must drive WE# and CE# to VIL, and OE# to VIH.
For program operations, the BYTE# pin determines whether the device accepts program data in
bytes or words. Refer to Word/Byte Configuration (Models 03, 04 Only) on page 11 for more
information.
The device features an Unlock Bypass mode to facilitate faster programming. Once the device
enters the Unlock Bypass mode, only two write cycles are required to program a word or byte,
instead of four. The Word/Byte Program Command Sequence on page 32 section has details on
programming data to the device using both standard and Unlock Bypass command sequences.
An erase operation can erase one sector, multiple sectors, or the entire device. Table 2 on page 14
and Table 4 on page 16 indicate the address space that each sector occupies. A sector address
consists of the address bits required to uniquely select a sector. The Command Definitions on
page 31 contains details on erasing a sector or the entire chip, or suspending/resuming the erase
operation.
After the system writes the autoselect command sequence, the device enters the autoselect
mode. The system can then read autoselect codes from the internal register (which is separate
from the memory array) on DQ7–DQ0. Standard read cycle timings apply in this mode. Refer to
Autoselect Mode on page 20 and Autoselect Command Sequence on page 32 for more
information.
ICC2 in the DC Characteristics table represents the active current specification for the write mode.
AC Characteristics on page 50 contains timing specification tables and timing diagrams for write
operations.
Program and Erase Operation Status
During an erase or program operation, the system may check the status of the operation by read-
ing the status bits on DQ7–DQ0. Standard read cycle timings and ICC read specifications apply.
Refer to Write Operation Status on page 39 for more information, and to AC Characteristics on
page 50 for timing diagrams.
Accelerated Program Operation
The device offers accelerated program operations through the ACC function. This is one of two
functions provided by the WP#/ACC (ACC on Model 00) pin. This function is primarily intended to
allow faster manufacturing throughput at the factory.
If the system asserts VHH on this pin, the device automatically enters the aforementioned Unlock
Bypass mode, temporarily unprotects any protected sectors, and uses the higher voltage on the
pin to reduce the time required for program operations. The system would use a two-cycle pro-
gram command sequence as required by the Unlock Bypass mode. Removing VHH from the WP#/
ACC pin returns the device to normal operation. Note that the WP#/ACC pin must not be at VHH
for operations other than accelerated programming, or device damage may result. In addition,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com