Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JC0BAW9P2 Datasheet(PDF) 76 Page - SPANSION

Part # S71PL129JC0BAW9P2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAW9P2 Datasheet(HTML) 76 Page - SPANSION

Back Button S71PL129JC0BAW9P2 Datasheet HTML 72Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 73Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 74Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 75Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 76Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 77Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 78Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 79Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 80Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 149 page
background image
76
S29PL129J for MCP
S29PL129J_MCP_00_A0 June 4, 2004
Advance
Info rmation
Controlled Erase Operations
Notes:
1. Not 100% tested.
2. See the Table 25, “Erase And Programming Performance,” on page 78 for more information.
Table 22. Alternate CE# Controlled Erase and Program Operations
Parameter
Speed Options
JEDEC
Std
Description
55
60
65
70
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min
55
60
65
70
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tELAX
tAH
Address Hold Time
Min
30
35
ns
tDVEH
tDS
Data Setup Time
Min
25
30
ns
tEHDX
tDH
Data Hold Time
Min
0
ns
tGHEL
tGHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
tWLEL
tWS
WE# Setup Time
Min
0
ns
tEHWH
tWH
WE# Hold Time
Min
0
ns
tELEH
tCP
CE1# or CE#2 Pulse Width
Min
35
40
ns
tEHEL
tCPH
CE1# or CE#2 Pulse Width High
Min
20
25
ns
tWHWH1
tWHWH1
Programming Operation (Note 2)
Typ
6
µs
tWHWH1
tWHWH1
Accelerated Programming Operation (Note 2)
Typ
4
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
Typ
0.5
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com