Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JC0BAW9P2 Datasheet(PDF) 22 Page - SPANSION

Part # S71PL129JC0BAW9P2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAW9P2 Datasheet(HTML) 22 Page - SPANSION

Back Button S71PL129JC0BAW9P2 Datasheet HTML 18Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 19Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 20Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 21Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 22Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 23Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 24Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 25Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 26Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 149 page
background image
22
S29PL129J for MCP
S29PL129J_MCP_00_A0 June 4, 2004
Advance
Info rmation
The device enters the CMOS standby mode when the CE1# or CE#2 and RESET#
pins are both held at VIO ± 0.3 V. (Note that this is a more restricted voltage
range than VIH.) If CE1# or CE#2 and RESET# are held at VIH, but not within VIO
± 0.3 V, the device is in standby mode, but the standby current is greater. The
device requires standard access time (tCE) for read access when the device is in
either of these standby modes, before it is ready to read data.
If the device is deselected during erasure or programming, the device draws ac-
tive current until the operation is completed.
ICC3 in “DC Characteristics” represents the CMOS standby current specification.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device energy consumption. The de-
vice automatically enables this mode when addresses remain stable for tACC +
30 ns. The automatic sleep mode is independent of the CE#, WE#, and OE# con-
trol signals. Standard address access timings provide new data when addresses
are changed. While in sleep mode, output data is latched and always available to
the system. Note that during automatic sleep mode, OE# must be at VIH before
the device reduces current to the stated sleep mode specification. ICC5 in “DC
Characteristics” represents the automatic sleep mode current specification.
RESET#: Hardware Reset Pin
The RESET# pin provides a hardware method of resetting the device to reading
array data. When the RESET# pin is driven low for at least a period of tRP, the
device immediately terminates any operation in progress, tristates all output
pins, and ignores all read/write commands for the duration of the RESET# pulse.
The device also resets the internal state machine to reading array data. The op-
eration that was interrupted should be reinitiated once the device is ready to
accept another command sequence, to ensure data integrity.
Current is reduced for the duration of the RESET# pulse. When RESET# is held
at VSS±0.3 V, the device draws CMOS standby current (ICC4). If RESET# is held
at VIL but not within VSS±0.3 V, the standby current is greater.
The RESET# pin may be tied to the system reset circuitry. A system reset would
thus also reset the Flash memory, enabling the system to read the boot-up firm-
ware from the Flash memory.
If RESET# is asserted during a program or erase operation, the RY/BY# pin re-
mains a “0” (busy) until the internal reset operation is complete, which requires
a time of tREADY (during Embedded Algorithms). The system can thus monitor RY/
BY# to determine whether the reset operation is complete. If RESET# is asserted
when a program or erase operation is not executing (RY/BY# pin is “1”), the reset
operation is completed within a time of tREADY (not during Embedded Algorithms).
The system can read data tRH after the RESET# pin returns to VIH.
Refer to the AC Characteristics tables for RESET# parameters and to Figure 13
for the timing diagram.
Output Disable Mode
When the OE# input is at VIH, output from the device is disabled. The output pins
(except for RY/BY#) are placed in the highest Impedance state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com