Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JC0BAW9P2 Datasheet(PDF) 19 Page - SPANSION

Part # S71PL129JC0BAW9P2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAW9P2 Datasheet(HTML) 19 Page - SPANSION

Back Button S71PL129JC0BAW9P2 Datasheet HTML 15Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 16Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 17Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 18Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 19Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 20Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 21Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 22Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 23Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 149 page
background image
June 4, 2004 S29PL129J_MCP_00_A0
S29PL129J for MCP
19
Advance
Informatio n
Device Bus Operations
This section describes the requirements and use of the device bus operations,
which are initiated through the internal command register. The command register
itself does not occupy any addressable memory location. The register is a latch
used to store the commands, along with the address and data information
needed to execute the command. The contents of the register serve as inputs to
the internal state machine. The state machine outputs dictate the function of the
device. Table 1 lists the device bus operations, the inputs and control levels re-
quired, and the resulting output. The following subsections describe each of these
operations in further detail.
Legend: L = Logic Low = VIL, H = Logic High = VIH, VID = 11.5–12.5 V, VHH = 8.5–9.5 V, X = Don’t Care, SA = Sector
Address, AIN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1. The sector protect and sector unprotect functions may also be implemented via programming equipment. See
““High Voltage Sector Protection” on page 37.”
2. WP#/ACC must be high when writing to upper two and lower two sectors.
Requirements for Reading Array Data
To read array data from the outputs, the system must drive the OE# and appro-
priate CE# pins to VIL. In PL129J, CE1# and CE2# are the power control and
select the lower (CE1#) or upper (CE2#) halves of the device. CE# is the power
control. OE# is the output control and gates array data to the output pins. WE#
should remain at VIH.
The internal state machine is set for reading array data upon device power-up,
or after a hardware reset. This ensures that no spurious alteration of the memory
content occurs during the power transition. No command is necessary in this
mode to obtain array data. Standard microprocessor read cycles that assert valid
addresses on the device address inputs produce valid data on the device data
outputs. Each bank remains enabled for read access until the command register
contents are altered.
See Table 24 for timing specifications and Figure 11 for the timing diagram. ICC1
in the DC Characteristics table represents the active current specification for
reading array data.
Table 1. PL129J Device Bus Operations
Operation
CE1#
CE2#
OE#
WE#
RESET#
WP#/ACC
Addresses
(A21–A0)
DQ15–
DQ0
Read
L
H
L
H
H
X
AIN
DOUT
H
L
Write
L
H
H
L
H
X
(Note 2)
AIN
DIN
H
L
Standby
VIO±
0.3 V
VIO ±
0.3 V
X
X
VIO ±
0.3 V
X
X
High-Z
Output Disable
L
L
H
H
H
X
X
High-Z
Reset
X
X
X
X
L
X
X
High-Z
Temporary Sector Unprotect
(High Voltage)
X
X
X
X
VID
X
AIN
DIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com