Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JC0BAW9P2 Datasheet(PDF) 90 Page - SPANSION

Part # S71PL129JC0BAW9P2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAW9P2 Datasheet(HTML) 90 Page - SPANSION

Back Button S71PL129JC0BAW9P2 Datasheet HTML 86Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 87Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 88Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 89Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 90Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 91Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 92Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 93Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 94Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 149 page
background image
90
pSRAM Type 1
pSRAM_Type01_12_A1 August 30, 2004
Advance
Info rmation
DC Characteristics
(8Mb pSRAM Asynchronous)
Asynchronous
Version
B
C
Performance Grade
-55
-70
-70
Density
8Mb pSRAM
8Mb pSRAM
8Mb pSRAM
Symbol
Parameter
Conditions
Min
Max
Units
Min
Max
Units
Min
Max
Units
VCC
Power Supply
2.7
3.3
V
2.7
3.6
V
2.7
3.3
V
VIH
Input High Level
2.2
VCC + 0.3
V
2.2
VCC + 0.3
V
0.8
VCC+0.3
V
VIL
Input Low Level
-0.3
0.6
V
-0.3
0.6
V
-0.3
0.4
V
IIL
Input Leakage
Current
Vin = 0 to VCC
0.5
µA
0.5
µA
0.5
µA
ILO
Output Leakage
Current
OE = VIH or
Chip Disabled
0.5
µA
0.5
µA
0.5
µA
VOH
Output High Voltage
IOH = -1.0 mA VCC-0.4
V
VCC-0.4
VV
IOH = -0.2 mA
0.8 VCCQ
IOH = -0.5 mA
VOL
Output Low Voltage
IOL = 2.0 mA
0.4
V
0.4
VV
IOL = 0.2 mA
0.2
IOL = 0.5 mA
IACTIVE Operating Current
VCC = 3.3 V
25
mA
23
mA
25
mA
ISTANDBY Standby Current
VCC = 3.0 V
60
µA
60
µA
70
µA
VCC = 3.3 V
IDEEP
SLEEP
Deep Power Down
Current
xµA
x
µA
x
µA
IPAR 1/4
1/4 Array PAR
Current
xµA
x
µA
x
µA
IPAR 1/2
1/2 Array PAR
Current
xµA
x
µA
x
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com