Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JC0BAW9P2 Datasheet(PDF) 20 Page - SPANSION

Part # S71PL129JC0BAW9P2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAW9P2 Datasheet(HTML) 20 Page - SPANSION

Back Button S71PL129JC0BAW9P2 Datasheet HTML 16Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 17Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 18Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 19Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 20Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 21Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 22Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 23Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 24Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 149 page
background image
20
S29PL129J for MCP
S29PL129J_MCP_00_A0 June 4, 2004
Advance
Info rmation
Random Read (Non-Page Read)
Address access time (tACC) is equal to the delay from stable addresses to valid
output data. The chip enable access time (tCE) is the delay from the stable ad-
dresses and stable CE# to valid data at the output inputs. The output enable
access time is the delay from the falling edge of the OE# to valid data at the out-
put inputs (assuming the addresses have been stable for at least tACC–tOE time).
Page Mode Read
The device is capable of fast page mode read and is compatible with the page
mode Mask ROM read operation. This mode provides faster read access speed for
random locations within a page. Address bits Amax–A3 select an 8 word page,
and address bits A2–A0 select a specific word within that page. This is an asyn-
chronous operation with the microprocessor supplying the specific word location.
The random or initial page access is tACC or tCE and subsequent page read ac-
cesses (as long as the locations specified by the microprocessor falls within that
page) is equivalent to tPACC. When CE1# and CE#2 are deasserted (=VIH), the
reassertion of CE1# or CE#2 for subsequent access has access time of tACC or
tCE. Here again, CE1#/CE#2 selects the device and OE# is the output control and
should be used to gate data to the output inputs if the device is selected. Fast
page mode accesses are obtained by keeping Amax–A3 constant and changing
A2–A0 to select the specific word within that page.
Simultaneous Read/Write Operation
In addition to the conventional features (read, program, erase-suspend read, and
erase-suspend program), the device is capable of reading data from one bank of
memory while a program or erase operation is in progress in another bank of
memory (simultaneous operation). The bank can be selected by bank addresses
(A21–A19) with zero latency.
The simultaneous operation can execute multi-function mode in the same bank.
Table 2. Page Select
Word
A2
A1
A0
Word 0
0
0
0
Word 1
0
0
1
Word 2
0
1
0
Word 3
0
1
1
Word 4
1
0
0
Word 5
1
0
1
Word 6
1
1
0
Word 7
1
1
1
Bank
CE1#
CE2#
PL129J: A21–A20
Bank 1A
0
1
00
Bank 1B
0
1
01, 10, 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com