Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JC0BAW9P2 Datasheet(PDF) 10 Page - SPANSION

Part # S71PL129JC0BAW9P2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAW9P2 Datasheet(HTML) 10 Page - SPANSION

Back Button S71PL129JC0BAW9P2 Datasheet HTML 6Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 7Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 8Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 9Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 10Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 11Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 12Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 13Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 149 page
background image
10
S71PL129Jxx_00_A5 December 23, 2004
Advance
Info rmation
S71PL129J Valid Combinations
Speed Options
(ns)
(p)SRAM
Type/Access
Time (ns)
Package
Marking
Base Ordering
Part Number
Package &
Temperature
Package Modifier/
Model Number
Packing Type
S71PL129JA0
BAW
9P
0, 2, 3 (Note 1)65
pSRAM 7 / 70
(Note 2)
S71PL129JB0
9Z
pSRAM 7 / 70
S71PL129JB0
9B
pSRAM 2 / 70
S71PL129JB0
9U
pSRAM 6 / 70
S71PL129JC0
9Z
pSRAM 7 / 70
S71PL129JC0
9U
pSRAM 6 / 70
S71PL129JA0
BFW
9P
0, 2, 3 (Note 1)65
pSRAM 7 / 70
S71PL129JB0
9Z
pSRAM 7 / 70
S71PL129JB0
9B
pSRAM 2 / 70
S71PL129JB0
9U
pSRAM 6 / 70
S71PL129JC0
9Z
pSRAM 7 / 70
S71PL129JC0
9U
pSRAM 6 / 70
S71PL129JA0
BAI
9P
0, 2, 3 (Note 1)65
pSRAM 7 / 70
S71PL129JB0
9Z
pSRAM 7 / 70
S71PL129JB0
9B
pSRAM 2 / 70
S71PL129JB0
9U
pSRAM 6 / 70
S71PL129JC0
9Z
pSRAM 7 / 70
S71PL129JC0
9U
pSRAM 6 / 70
S71PL129JA0
BFI
9P
0, 2, 3 (Note 1)65
pSRAM 7 / 70
S71PL129JB0
9Z
pSRAM 7 / 70
S71PL129JB0
9B
pSRAM 2 / 70
S71PL129JB0
9U
pSRAM 6 / 70
S71PL129JC0
9Z
pSRAM 7 / 70
S71PL129JC0
9U
pSRAM 6 / 70
Notes:
1. Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading “S” and packing type
designator from ordering part number.
3. Contact factory for availability of any of the above OPNs. RAM
type availability may vary over time.
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult your local sales office to confirm avail-
ability of specific valid combinations and to check on newly released
combinations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com