Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JC0BAW9P2 Datasheet(PDF) 101 Page - SPANSION

Part # S71PL129JC0BAW9P2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAW9P2 Datasheet(HTML) 101 Page - SPANSION

Back Button S71PL129JC0BAW9P2 Datasheet HTML 97Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 98Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 99Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 100Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 101Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 102Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 103Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 104Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 105Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 149 page
background image
August 30, 2004 pSRAM_Type01_12_A1
pSRAM Type 1
101
Advance
Informatio n
twc
Write cycle time
55
ns
70
ns
tcw
Chipselect to end
of write
50
ns
55
ns
tas
Address set up
Time
0ns
0
ns
taw
Address valid to
end of write
50
ns
55
ns
tbw
UB#, LB# valid
to end of write
50
ns
55
ns
twp
Write pulse width
50
ns
55
ns
twr
Write recovery
time
0ns
0
ns
twhz
Write to output
High-Z
25
ns
25
ns
tdw
Data to write
time overlap
25
ns
25
ns
tdh
Data hold from
write time
0ns
0
ns
tow
End write to
output Low-Z
55
tow
Write high pulse
width
xx
ns
x
x
ns
tpc
Page read cycle
x
x
tpa
Page address
access time
xx
twpc
Page write cycle
x
x
tcp
Chip select high
pulse width
xx
Asynchronous
Performance Grade
-55
-70
Density
16Mb pSRAM
16Mb pSRAM
3 Volt
Symbol
Parameter
Min
Max
Units
Min
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com