Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3418 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3418
Description  8A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3418 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3418 Datasheet HTML 3Page - Linear Technology LTC3418 Datasheet HTML 4Page - Linear Technology LTC3418 Datasheet HTML 5Page - Linear Technology LTC3418 Datasheet HTML 6Page - Linear Technology LTC3418 Datasheet HTML 7Page - Linear Technology LTC3418 Datasheet HTML 8Page - Linear Technology LTC3418 Datasheet HTML 9Page - Linear Technology LTC3418 Datasheet HTML 10Page - Linear Technology LTC3418 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC3418
3418f
Main Control Loop
The LTC3418 is a monolithic, constant frequency, current
mode step-down DC/DC converter. During normal opera-
tion, the internal top power switch (P-channel MOSFET) is
turned on at the beginning of each clock cycle. Current in
the inductor increases until the current comparator trips
and turns off the top power MOSFET. The peak inductor
current at which the current comparator shuts off the top
power switch is controlled by the voltage on the ITH pin.
The error amplifier adjusts the voltage on the ITH pin by
comparing the feedback signal from a resistor divider on
the VFB pin with an internal 0.8V reference. When the load
current increases, it causes a reduction in the feedback
voltage relative to the reference. The error amplifier raises
the ITH voltage until the average inductor current matches
the new load current. When the top power MOSFET shuts
off, the synchronous power switch (N-channel MOSFET)
turns on until either the bottom current limit is reached or
the beginning of the next clock cycle. The bottom current
limit is set at –8A for force continuous mode and 0A for
Burst Mode operation.
The operating frequency is externally set by an external
resistor connected between the RT pin and ground. The
practical switching frequency can range from 300kHz to
4MHz.
Overvoltage and undervoltage comparators will pull the
PGOOD output low if the output voltage comes out of
regulation by ±7.5%. In an overvoltage condition, the top
power MOSFET is turned off and the bottom power MOSFET
is switched on until either the overvoltage condition clears
or the bottom MOSFET’s current limit is reached.
Forced Continuous
Connecting the SYNC/MODE pin to SVIN will disable Burst
Mode operation and force continuous current operation.
At light loads, forced continuous mode operation is less
efficient than Burst Mode operation, but may be desirable
in some applications where it is necessary to keep switch-
ing harmonics out of a signal band. The output voltage
ripple is minimized in this mode.
OPERATIO
Burst Mode Operation
Connecting the SYNC/MODE pin to a voltage in the range
of 0V to 1V enables Burst Mode operation. In Burst Mode
operation, the internal power MOSFETs operate intermit-
tently at light loads. This increases efficiency by minimiz-
ing switching losses. During Burst Mode operation, the
minimum peak inductor current is externally set by the
voltage on the SYNC/MODE pin and the voltage on the ITH
pin is monitored by the burst comparator to determine
when sleep mode is enabled and disabled. When the
average inductor current is greater than the load current,
the voltage on the ITH pin drops. As the ITH voltage falls
below 350mV, the burst comparator trips and enables
sleep mode. During sleep mode, the top power MOSFET is
held off while the load current is solely supplied by the
output capacitor. When the output voltage drops, the top
and bottom power MOSFETs begin switching to bring the
output back into regulation. This process repeats at a rate
that is dependent on the load demand.
Pulse skipping operation can be implemented by connect-
ing the SYNC/MODE pin to ground. This forces the burst
clamp level to be at 0V. As the load current decreases, the
peak inductor current will be determined by the voltage on
the ITH pin until the ITH voltage drops below 400mV. At this
point, the peak inductor current is determined by the
minimum on-time of the current comparator. If the load
demand is less than the average of the minimum on-time
inductor current, switching cycles will be skipped to keep
the output voltage in regulation.
Frequency Synchronization
The internal oscillator of the LTC3418 can by synchronized
to an external clock connected to the SYNC/MODE pin. The
frequency of the external clock can be in the range of
300kHz to 4MHz.
For this application, the oscillator timing resistor should
be chosen to correspond to a frequency that is 25% lower
than the synchronization frequency. During synchroniza-
tion, the burst clamp is set to 0V, and each switching cycle
begins at the falling edge of the clock signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com