Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3418 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3418
Description  8A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3418 Datasheet(HTML) 3 Page - Linear Technology

  LTC3418 Datasheet HTML 1Page - Linear Technology LTC3418 Datasheet HTML 2Page - Linear Technology LTC3418 Datasheet HTML 3Page - Linear Technology LTC3418 Datasheet HTML 4Page - Linear Technology LTC3418 Datasheet HTML 5Page - Linear Technology LTC3418 Datasheet HTML 6Page - Linear Technology LTC3418 Datasheet HTML 7Page - Linear Technology LTC3418 Datasheet HTML 8Page - Linear Technology LTC3418 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC3418
3418f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fOSC
Switching Frequency
ROSC = 69.8kΩ
0.88
1
1.12
MHz
Switching Frequency Range
(Note 6)
0.3
4
MHz
fSYNC
SYNC Capture Range
(Note 6)
0.3
4
MHz
RPFET
RDS(ON) of P-Channel FET
ISW = 600mA
35
50
mΩ
RNFET
RDS(ON) of N-Channel FET
ISW = – 600mA
25
35
mΩ
ILIMIT
Peak Current Limit
12
17
A
VUVLO
Undervoltage Lockout Threshold
1.75
2
2.25
V
VREF
Reference Output
1.219
1.250
1.281
V
ILSW
SW Leakage Current
VRUN = 0V, VIN = 5.5V
0.1
1
µA
VRUN
RUN Threshold
0.5
0.65
0.8
V
The
● indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V. (Note 2)
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3418 is guaranteed to meet performance specifications
from 0oC to 70oC. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: The LTC3418 is tested in a feedback loop that adjusts VFB to
achieve a specified error amplifier output voltage (ITH).
Note 4: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 5: TJ is calculated from the ambient temperature TA and power
dissipation PD as follows:
LTC3418: TJ = TA + (PD)(34°C/W)
Note 6: This parameter is guaranteed by design and characterization.
TYPICAL PERFOR A CE CHARACTERISTICS
Switch On-Resistance
vs Input Voltage
INPUT VOLTAGE (V)
2.25
0
5
15
20
25
4.25
45
3418 G01
10
3.25
2.75
4.75
3.75
5.25
30
PFET
NFET
35
40
On-Resistance vs Temperature
TEMPERATURE (°C)
–40
0
5
15
20
25
50
35
0
40
60
3418 G02
10
40
45
30
PFET
NFET
–20
20
80
100 120
VIN = 3.3V
TEMPERATURE (°C)
–40 –20
0.7980
0.7990
120
3418 G07
0.7970
0.7960
020
40
60
100
80
0.8000
0.7975
0.7985
0.7965
0.7995
VIN = 3.3V
Internal Reference Voltage
vs Temperature
TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com