Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3418 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3418
Description  8A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3418 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3418 Datasheet HTML 2Page - Linear Technology LTC3418 Datasheet HTML 3Page - Linear Technology LTC3418 Datasheet HTML 4Page - Linear Technology LTC3418 Datasheet HTML 5Page - Linear Technology LTC3418 Datasheet HTML 6Page - Linear Technology LTC3418 Datasheet HTML 7Page - Linear Technology LTC3418 Datasheet HTML 8Page - Linear Technology LTC3418 Datasheet HTML 9Page - Linear Technology LTC3418 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC3418
3418f
PI FU CTIO S
VFB (Pin 25): Feedback Pin. Receives the feedback voltage
from a resistive divider connected across the output.
ITH (Pin 26): Error Amplifier Compensation Point. The
current comparator threshold increases with this control
voltage. Nominal voltage range for this pin is from 0.2V to
1.4V with 0.4V corresponding to the zero-sense voltage
(zero current).
SYNC/MODE (Pin 27): Mode Select and External Clock
Synchronization Input. To select Forced Continuous, tie to
SVIN. Connecting this pin to a voltage between 0V and 1V
selects Burst Mode operation with the burst clamp set to
the pin voltage.
TRACK (Pin 35): Voltage Tracking Input. Feedback voltage
will regulate to the voltage on this pin during start-up
power sequencing.
Exposed Pad (Pin 39): The Exposed Pad is PGND and
must be soldered to the PCB ground.
BLOCK DIAGRA
–
+
–
+
–
+
–
+
SLOPE
COMPENSATION
RECOVERY
OSCILLATOR
NMOS
CURRENT
COMPARATOR
CURRENT
REVERSE
COMPARATOR
SLOPE
COMPENSATION
LOGIC
ERROR
AMPLIFIER
BURST
COMPARATOR
PMOS CURRENT
COMPARATOR
PVIN
VOLTAGE
REFERENCE
35
TRACK
25
VFB
5
PGOOD
7
RUN/SS
RUN
0.74V
SYNC/MODE
0.86V
16
26
10
9
4
3
VREF
ITH
SYNC/MODE
BCLAMP
8
SGND
24
SVIN
+
22
1
2
11
12
20
21
30
31
23
28
29
SW
13
32
14
33
15
34
17
36
18
37
19
27
RT
6
38
PGND
3418 BD
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com