Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3418 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3418
Description  8A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3418 Datasheet(HTML) 1 Page - Linear Technology

  LTC3418 Datasheet HTML 1Page - Linear Technology LTC3418 Datasheet HTML 2Page - Linear Technology LTC3418 Datasheet HTML 3Page - Linear Technology LTC3418 Datasheet HTML 4Page - Linear Technology LTC3418 Datasheet HTML 5Page - Linear Technology LTC3418 Datasheet HTML 6Page - Linear Technology LTC3418 Datasheet HTML 7Page - Linear Technology LTC3418 Datasheet HTML 8Page - Linear Technology LTC3418 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC3418
3418f
8A, 4MHz, Monolithic
Synchronous Step-Down
Regulator
■ High Efficiency: Up to 95%
■ 8A Output Current
■ 2.25V to 5.5V Input Voltage Range
■ Low RDS(ON) Internal Switch: 35mΩ
■ Tracking Input to Provide Easy Supply Sequencing
■ Programmable Frequency: 300kHz to 4MHz
■ 0.8V ±1% Reference Allows Low Output Voltage
■ Quiescent Current: 380µA
■ Selectable Forced Continuous/Burst Mode
® Operation
with Adjustable Burst Clamp
■ Synchronizable Switching Frequency
■ Low Dropout Operation: 100% Duty Cycle
■ Power Good Output Voltage Monitor
■ Overtemperature Protected
■ 38-Lead Low Profile (0.75mm) Thermally Enhanced
QFN (5mm × 7mm) Package
■ Microprocessor, DSP and Memory Supplies
■ Distributed 2.5V, 3.3V and 5V Power Systems
■ Automotive Applications
■ Point of Load Regulation
■ Notebook Computers
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
2.5V/8A Step-Down Regulator
The LTC
®3418 is a high efficiency, monolithic synchro-
nous step-down DC/DC converter utilizing a constant
frequency, current mode architecture. It operates from an
input voltage range of 2.25V to 5.5V and provides a
regulated output voltage from 0.8V to 5V while delivering
up to 8A of output current. The internal synchronous
power switch increases efficiency and eliminates the need
for an external Schottky diode. Switching frequency is set
by an external resistor or can be synchronized to an
external clock. OPTI-LOOP
® compensation allows the
transient response to be optimized over a wide range of
loads and output capacitors.
The LTC3418 can be configured for either Burst Mode
operation or forced continuous operation. Forced continu-
ous operation reduces noise and RF interference while
Burst Mode operation provides high efficiency by reduc-
ing gate charge losses at light loads. In Burst Mode
operation, external control of the burst clamp level allows
the output voltage ripple to be adjusted according to the
requirements of the application. A tracking input in the
LTC3418 allows for proper sequencing with respect to
another power supply.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode and OPTI-LOOP are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 5481178, 6580258, 6304066, 6127815, 6498466, 6611131,
6724174.
Efficiency and Power Loss vs Load Current
SVIN TRACK
RT
CIN
100µF
0.2µH
LTC3418
RUN/SS
ITH
PGOOD
SW
PGND
SGND
SYNC/MODE VFB
332Ω
PVIN
820pF
3418 TA01a
1000pF
COUT
100µF
×2
VOUT
2.5V
8A
4.32k
1.69k
30.1k
2.2M
VIN
2.8V TO 5.5V
4.99k
LOAD CURRENT (A)
0.01
60
80
100
0.1
1
10
3418 TA01b
40
50
70
90
30
20
1000
100000
100
10000
10
1
EFFICIENCY
POWER LOSS
VIN = 3.3V
VOUT = 2.5V


Similar Part No. - LTC3418

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3418 LINER-LTC3418 Datasheet
453Kb / 36P
24V, 15A Monolithic Step Down Regulator
LTC3418 LINER-LTC3418 Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418 Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418 Datasheet
481Kb / 20P
짹6A Monolithic Synchronous Step-Down Regulator for DDR Termination
LTC3418 LINER-LTC3418_15 Datasheet
357Kb / 20P
8A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results

Similar Description - LTC3418

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A Datasheet
443Kb / 20P
3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3416 LINER-LTC3416_15 Datasheet
219Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418_15 Datasheet
357Kb / 20P
8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A_15 Datasheet
326Kb / 20P
3A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com