Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3418 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3418
Description  8A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3418 Datasheet(HTML) 2 Page - Linear Technology

  LTC3418 Datasheet HTML 1Page - Linear Technology LTC3418 Datasheet HTML 2Page - Linear Technology LTC3418 Datasheet HTML 3Page - Linear Technology LTC3418 Datasheet HTML 4Page - Linear Technology LTC3418 Datasheet HTML 5Page - Linear Technology LTC3418 Datasheet HTML 6Page - Linear Technology LTC3418 Datasheet HTML 7Page - Linear Technology LTC3418 Datasheet HTML 8Page - Linear Technology LTC3418 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC3418
3418f
ORDER PART NUMBER
(Note 1)
Input Supply Voltage .................................. – 0.3V to 6V
ITH, RUN/SS, VFB Voltages ......................... – 0.3V to VIN
SYNC/MODE Voltages ............................... – 0.3V to VIN
TRACK Voltage .......................................... –0.3V to VIN
SW Voltage .................................. – 0.3V to (VIN + 0.3V)
Operating Ambient Temperature Range
(Note 2) .............................................. – 40°C to 85°C
Junction Temperature (Note 5) ............................. 125°C
Storage Temperature Range ................. –65°C to 125°C
LTC3418EUHF
TJMAX = 125°C, θJA = 34°C/W, θJC = 1°C/W
EXPOSED PAD (PIN 39) IS PGND AND MUST BE SOLDERED TO PCB
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
2.25
5.5
V
VFB
Regulated Feedback Voltage
0°C ≤ TA ≤ 85°C
0.792
0.800
0.808
V
(Note 3)
●
0.784
0.800
0.816
V
IFB
Feedback Input Current
100
200
nA
∆VFB
Reference Voltage Line Regulation
VIN = 2.5V to 5.5V (Note 3)
0.04
0.2
%/V
VLOADREG
Output Voltage Load Regulation
Measured in Servo Loop, VITH = 0.36V
●
0.02
0.2
%
Measured in Servo Loop, VITH = 0.84V
●
–0.02
–0.2
%
VTRACK
Tracking Voltage Offset
VTRACK = 0.4V
15
mV
Tracking Voltage Range
0
0.8
V
ITRACK
TRACK Input Current
100
200
nA
∆VPGOOD
Power Good Range
±7.5
±9%
RPGOOD
Power Good Resistance
100
150
Ω
IQ
Input DC Bias Current
(Note 4)
Active Current
VFB = 0.7V, VITH = 1V
380
450
µA
Shutdown
VRUN = 0V
0.03
1.5
µA
The
● indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V. (Note 2)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
13 14 15 16
TOP VIEW
39
UHF PACKAGE
38-LEAD (7mm × 5mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
SW
SW
PVIN
PVIN
PGOOD
RT
RUN/SS
SGND
PVIN
PVIN
SW
SW
SW
SW
PVIN
PVIN
SYNC/MODE
ITH
VFB
SVIN
PVIN
PVIN
SW
SW
23
22
21
20
9
10
11
12
ELECTRICAL CHARACTERISTICS
UH PART MARKING
3418



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com