Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3418 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3418
Description  8A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3418 Datasheet(HTML) 5 Page - Linear Technology

  LTC3418 Datasheet HTML 1Page - Linear Technology LTC3418 Datasheet HTML 2Page - Linear Technology LTC3418 Datasheet HTML 3Page - Linear Technology LTC3418 Datasheet HTML 4Page - Linear Technology LTC3418 Datasheet HTML 5Page - Linear Technology LTC3418 Datasheet HTML 6Page - Linear Technology LTC3418 Datasheet HTML 7Page - Linear Technology LTC3418 Datasheet HTML 8Page - Linear Technology LTC3418 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC3418
3418f
Load Regulation
Peak Inductor Current
vs Burst Clamp Voltage
VBCLAMP (V)
0
0
2
4
6
8
0.2
0.4
0.6
0.8
3418 G13
10
12
0.1
0.3
0.5
0.7
3.3V
5V
LOAD CURRENT (A)
0
–0.30
–0.25
–0.20
–0.15
–0.10
24
6
8
3418 G14
–0.05
0
13
5
7
VIN = 3.3V
VOUT = 1.8V
f = 1MHz
Load Step Transient
OUTPUT
VOLTAGE
100mV/DIV
INDUCTOR
CURRENT
5A/DIV
20µs/DIV
VIN = 3.3V
VOUT = 2.5V
LOAD STEP: 800mA TO 8A
3418 G15
Load Step Transient
OUTPUT
VOLTAGE
100mV/DIV
INDUCTOR
CURRENT
5A/DIV
40µs/DIV
VIN = 3.3V
VOUT = 2.5V
LOAD STEP: 3A TO 8A
3418 G16
Burst Mode Operation
Start-Up Transient
OUTPUT
VOLTAGE
100mV/DIV
INDUCTOR
CURRENT
1A/DIV
20µs/DIV
VIN = 3.3V
VOUT = 2.5V
LOAD: 200mA
3418 G17
OUTPUT
VOLTAGE
500mV/DIV
INDUCTOR
CURRENT
2A/DIV
1ms/DIV
VIN = 3.3V
VOUT = 2.5V
LOAD: 8A
3418 G18
SW (Pins 1, 2, 11, 12, 20, 21, 30, 31): Switch Node
Connection to Inductor. This pin connects to the drains of
the internal main and synchronous power MOSFET
switches.
PVIN (Pins 3, 4, 9, 10, 22, 23, 28, 29): Power Input
Supply. Decouple this pin to PGND with a capacitor.
PGOOD (Pin 5): Power Good Output. Open-drain logic
output that is pulled to ground when the output voltage is
not within ±7.5% of regulation point.
RT (Pin 6): Oscillator Resistor Input. Connecting a resistor
to ground from this pin sets the switching frequency.
RUN/SS (Pin 7): Run Control and Soft-Start Input. Forcing
this pin below 0.5V shuts down the LTC3418. In shutdown
all functions are disabled drawing <1.5µA of supply cur-
rent. A capacitor to ground from this pin sets the ramp
time to full output current.
SGND (Pin 8): Signal Ground. All small-signal compo-
nents and compensation components should connect to
this ground, which in turn connects to PGND at one point.
PGND (Pins 13, 14, 15, 17, 18, 19, 32, 33, 34, 36, 37,
38): Power Ground. Connect this pin closely to the (–)
terminal of CIN and COUT.
VREF (Pin 16): Reference Output. Decouple this pin with a
2.2µF capacitor.
SVIN (Pin 24): Signal Input Supply. Decouple this pin to
SGND with a capacitor.
PI FU CTIO S
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com