Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8-REF-AM Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8-REF-AM
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8-REF-AM Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button COP8-REF-AM Datasheet HTML 33Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 34Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 35Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 36Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 37Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 38Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 39Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 40Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 83 page
background image
13.0 Power Saving Features
(Continued)
high speed clock. When this bit = 1, then the
Core clock will be the low speed clock. Before
switching this bit to either state, the appropriate
clock should be turned on and stabilized.
DCEN CCKSEL
0
0
High Speed Mode. Core and Idle Timer
Clock = High Speed
1
0
Dual Clock Mode. Core clock = High
Speed; Idle Timer = Low Speed
1
1
Low Speed Mode. Core and Idle Timer
Clock = Low Speed
0
1
Invalid. If this is detected, the Low
Speed Mode will be forced.
RSVD:
This bit is reserved and must be 0.
ITSEL2–0: These are bits used to control the Idle Timer.
See Section 12.1 TIMER T0 (IDLE TIMER) for
the description of these bits.
Table 18 lists the valid contents of the four most significant
bits of the ITMR Register. States are presented in the only
valid sequence. Any other value is illegal and will result in an
unrecoverable loss of a clock to the CPU core. To prevent
this condition, the device will automatically reset if any illegal
value is detected.
TABLE 18. Valid Contents of Dual Clock Control Bits
LSON
HSON
DCEN
CCKSEL
Mode
0
1
0
0
High Speed
1
1
0
0
High
Speed/Dual
Clock Transition
1
1
1
0
Dual Clock
1
1
1
1
Dual Clock/Low
Speed
Transition
1
0
1
1
Low Speed
13.2 OSCILLATOR STABILIZATION
Both the high speed oscillator and low speed oscillator have
a startup delay associated with them. When switching be-
tween the modes, the software must ensure that the appro-
priate oscillator is started up and stabilized before switching
to the new mode. See Table 3, Startup Times for startup
times for both oscillators.
13.3 HIGH SPEED MODE OPERATION
This mode of operation allows high speed operation for both
the main Core clock and also for the IDLE Timer. This is the
default mode of the device and will always be entered upon
any of the Reset conditions described in the Reset section. It
can also be entered from Dual Clock mode. It cannot be
directly entered from the Low Speed mode without passing
through the Dual Clock mode first.
To enter from the Dual Clock mode, the following sequence
must be followed using two separate instructions:
1.
Software clears DCEN to 0.
2.
Software clears LSON to 0.
13.3.1 High Speed Halt Mode
The fully static architecture of this device allows the state of
the microcontroller to be frozen. This is accomplished by
stopping the internal clock of the device during the HALT
mode. The controller also stops the CKI pin from oscillating
during the HALT mode. The processor can be forced to exit
the HALT mode and resume normal operation at any time.
During normal operation, the actual power consumption de-
pends heavily on the clock speed and operating voltage
used in an application and is shown in the Electrical Speci-
fications. In the HALT mode, the device only draws a small
leakage current, plus current for the BOR feature, plus any
current necessary for driving the outputs. Since total power
consumption is affected by the amount of current required to
drive the outputs, all I/Os should be configured to draw
minimal current prior to entering the HALT mode, if possible.
In order to reduce power consumption even further, the
power supply (V
CC) can be reduced to a very low level
during the HALT mode, just high enough to guarantee reten-
tion of data stored in RAM. The allowed lower voltage level
(V
R) is specified in the Electrical Specs section.
13.3.1.1 Entering The High Speed Halt Mode
The device enters the HALT mode under software control
when the Port G data register bit 7 is set to 1. All processor
action stops in the middle of the next instruction cycle, and
power consumption is reduced to a very low level.
13.3.1.2 Exiting The High Speed Halt Mode
There is a choice of methods for exiting the HALT mode: a
chip Reset using the RESET pin or a Multi-Input Wake-up.
13.3.1.3 HALT Exit Using Reset
A device Reset, which is invoked by a low-level signal on the
RESET input pin, takes the device out of the HALT mode
and starts execution from address 0000H. The initialization
software should determine what special action is needed, if
any, upon start-up of the device from HALT. The initialization
of all registers following a RESET exit from HALT is de-
scribed in the Reset section of this manual.
13.3.1.4 HALT Exit Using Multi-Input Wake-up
The device can be brought out of the HALT mode by a
transition received on one of the available Wake-up pins.
The pins used and the types of transitions sensed on the
Multi-input pins are software programmable. For information
on programming and using the Multi-Input Wake-up feature,
refer to the Multi-Input Wake-up section.
A start-up delay is required between the device wake-up and
the execution of program instructions, depending on the type
of chip clock. The start-up delay is mandatory, and is imple-
mented whether or not the CLKDLY bit is set. This is be-
cause all crystal oscillators and resonators require some
time to reach a stable frequency and full operating ampli-
tude.
The IDLE Timer (Timer T0) provides a fixed delay from the
time the clock is enabled to the time the program execution
begins. Upon exit from the HALT mode, the IDLE Timer is
enabled with a starting value of 256 and is decremented with
each instruction cycle. (The instruction clock runs at one-fifth
the frequency of the high speed oscillator.) An internal
Schmitt trigger connected to the on-chip CKI inverter en-
sures that the IDLE Timer is clocked only when the oscillator
has a large enough amplitude. (The Schmitt trigger is not
www.national.com
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com