Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8-REF-AM Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8-REF-AM
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8-REF-AM Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button COP8-REF-AM Datasheet HTML 47Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 48Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 49Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 50Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 51Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 52Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 53Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 54Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 83 page
background image
15.0 A/D Converter (Continued)
TABLE 23. A/D Converter Channel Selection when the Multiplexor Output is Enabled
Select Bits
Mode Select
ADMOD = 0
Single Ended Mode
Mode Select
ADMOD = 1
Differential Mode
Mux Output
Enabled
ADCH3
ADCH2
ADCH1
ADCH0
Channel No.
Channel Pairs (+, −)
MUX
0
1
1
1
Temp Sensor (Note 14)
Not used
1
1
0
0
0
Not used
Not used
1
1
0
0
1
Not used
Not used
1
1
0
1
0
10
10, 11 (Note 15)
1
1
0
1
1
11
11, 10 (Note 15)
1
1
1
0
0
12
Not Used
1
1
1
0
1
13
ADCH13 is
Mux Output −
(Notes 13, 15)
1
1
1
1
0
ADCH14 is
Mux Output
(Note 13)
ADCH14 is
Mux Output +
(Notes 13, 15)
1
1
1
1
1
ADCH15 is
A/D Input
(Note 13)
ADCH15 is
A/D Input
(Notes 13, 15)
1
Note 13: These input channels are not available in this mode.
Note 14: Temperature Sensor cannot be used in this mode.
Note 15: Programmable Gain Amplifier must be bypassed when MUX = 1.
15.1.1.3 Mode Select
This 1-bit field is used to select the mode of operation (single
ended or differential) as shown in the following Table 24.
TABLE 24. A/D Conversion Mode Selection
ADMOD
Mode
0
Single Ended mode. This mode is required if
the temperature sensor is being selected.
1
Differential mode (programmable gain
amplifier must be bypassed)
15.1.1.4 Prescaler Select
This 1-bit field is used to select one of two prescaler clocks
for the A/D Converter. The following Table 25 shows the
various prescaler options. Care must be taken, when select-
ing this bit, to not exceed the maximum frequency of the A/D
converter.
TABLE 25. A/D Converter Clock Prescale
PSC
Clock Select
0
MCLK Divide by 1
1
MCLK Divide by 16
15.1.1.5 Busy Bit
The ADBSY bit of the ENAD register is used to control
starting and stopping of the A/D conversion. When ADBSY is
cleared, the prescale logic is disabled and the A/D clock is
turned off, drawing minimal power. Setting the ADBSY bit
starts the A/D clock and initiates a conversion based on the
values currently in the ENAD register. Normal completion of
an A/D conversion clears the ADBSY bit and turns off the A/D
Converter.
When changing the channel and gain of the programmable
gain amplifier, it is necessary to wait before performing an
A/D conversion. This due to the amplifier settling time. See
the section on the Programmable Gain Amplifier for these
settling times.
If the user wishes to restart a conversion which is already in
progress, this can be accomplished only by writing a zero to
the ADBSY bit to stop the current conversion and then by
writing a one to ADBSY to start a new conversion. This can
be done in two consecutive instructions.
All multiplexor input channels should be internally gated off
when ADBSY = 0, unless MUX =1 or the programmable gain
amplifier is enabled. When MUX =1 or the programmable
gain amplifier is enabled, the internal path through the mul-
tiplexor to the pin and the input path for the A/D Converter
should be enabled.
15.1.2 A/D Result Registers
There are two result registers for the A/D converter: the high
8 bits of the result and the low 2-bits of the result. The format
of these registers is shown in Tables 26, 27. Both registers
are read/write registers, but in normal operation, the hard-
ware writes the value into the register when the conversion is
complete and the software reads the value. Both registers
are undefined upon Reset. They hold the previous value until
a new conversion overwrites them. When reading ADRSTL,
bits 5-0 will read as 0.
www.national.com
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com