Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8-REF-AM Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8-REF-AM
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8-REF-AM Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button COP8-REF-AM Datasheet HTML 46Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 47Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 48Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 49Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 50Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 51Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 52Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 53Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 83 page
background image
15.0 A/D Converter (Continued)
TABLE 22. A/D Converter Channel Selection when the Multiplexor Output is Disabled
Select Bits
Mode Select
ADMOD = 0
Single Ended
Mode
Mode Select
ADMOD = 1
Differential
Mode
Mux Output
Disabled
ADCH3
ADCH2
ADCH1
ADCH0
Channel No.
Channel Pairs
(+, −)
MUX
0
1
1
1
Temp sensor, if
enabled
Not used
0
1
0
1
0
10
10, 11 (Note 12)
0
1
0
1
1
11
11, 10 (Note 12)
0
1
1
0
0
12
12, 13 (Note 12)
0
1
1
0
1
13
13, 12 (Note 12)
0
1
1
1
0
14
14, 15 (Note 12)
0
1
1
1
1
15
15, 14 (Note 12)
0
Note 12: Only if the programmable gain amplifier is bypassed.
15.1.1.2 Multiplexor Output Select
The MUX bit field allows the output of the A/D multiplexor
(with the exception of the temperature sensor channel) and
the input to the A/D to be connected directly to external pins.
This allows for an external, common filter/signal conditioning
circuit to be applied to all channels. The output of the exter-
nal conditioning circuit can then be connected directly to the
input of the Sample and Hold input on the A/D Converter.
See Figure 26 for the single ended mode diagram. The
Multiplexor output is connected to ADCH4 and the A/D input
is connected to ADCH5. For differential mode, the differential
multiplexor outputs are available and should be converted to
a single ended voltage for connection to the A/D Converter
Input. The programmable gain amplifier must be bypassed
when using the multiplexor output feature in differential
mode. See Figure 27.
The channel assignments for this mode are shown in Table
23.
When using the Mux Output feature, the delay though the
internal multiplexor to the pin, plus the delay of the external
filter circuit, plus the internal delay to the Sample and Hold
will exceed the three clock cycles that’s allowed in the con-
version. This requires that whenever the MUX bit = 1, that
the channel selected by ADCH3:0 bits, be enabled, even
when ADBSY = 0, and gated to the mux output pin. The input
path to the A/D converter should also be enabled. This
allows the input channel to be selected and settled before
starting a conversion. The sequence to perform conversions
using the Mux Out feature is a multistep process and is listed
below.
1.
Select the desired channel, excluding the temperature
sensor channel, and operating modes and load them
into ENAD without setting ADBSY.
2.
Wait the appropriate time until the analog input has
settled. This will depend on the application and the
response of the external circuit.
3.
Select the same desired channel and operating modes
used in step 1 and load them into ENAD and also set
ADBSY. This will start the conversion.
4.
After conversion is completed, obtain the results from
the result registers.
20006356
FIGURE 26. A/D with Single Ended Mux Output Feature
Enabled
20006357
FIGURE 27. A/D with Differential Mux Output Feature
Enabled
www.national.com
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com