Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8-REF-AM Datasheet(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8-REF-AM
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8-REF-AM Datasheet(HTML) 78 Page - National Semiconductor (TI)

Back Button COP8-REF-AM Datasheet HTML 74Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 75Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 76Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 77Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 78Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 79Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 80Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 81Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 82Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 83 page
background image
23.0 Development Support (Continued)
Hardware
Emulators
COP8-EMFlash-00
COP8-DMFlash-00
COP8-IMFlash-00
L
M
H
Includes 110v/220v p/s, target cable with 2x7 connector, 68
pin COP8CDR9 Null Target, manuals and software on CD.
- COP8AME uses optional 28 pin Null Target
(COP8-EMFA-28N).
- Add PLCC Target Package Adapter if needed.
Emulator Null
Target
COP8-EMFA-68N
COP8-EMFA-28N
VL
VL
68 pin PLCC COP8CDR9; Included in COP8-EM/DM/IM
Flash.
28pin DIP COP8AME9; Must order seperately.
Emulator Target
Package Adapters
COP8-EMFA-44P
VL
44 pin PLCC target package adapter. (Use instead of 2x7
emulator header)
COP8-EMFA-68P
VL
68 pin PLCC target package adapter. (Use instead of 2x7
emulator header)
NiceMon Debug
Monitor Utility
COP8-SW-NMON
Free
Download code and Monitor S/W for single-step debugging
via Microwire. Includes PC control/debugger software and
monitor program.
Development and Production Programming Tools
National’s
Approved
Programmers
Third party programmers
Download a current list of approved third party
programmers.
Programming
Adapters
(For any
programmer
supporting flash
adapter base
pinout)
COP8-PGMA-28DF1
L
For programming 28DIP COP8AME only.
COP8-PGMA-28SF1
L
For programming 28SOIC COP8AME only.
COP8-PGMA-44PF1
L
For programming all 44PLCC COP8FLASH.
COP8-PGMA-44CSF
L
For programming all 44LLP COP8FLASH.
COP8-PGMA-48TF1
L
For programming all 48TSSOP COP8 FLASH.
COP8-PGMA-68PF1
L
For programming all 68PLCC COP8FLASH
COP8-PGMA-56TF1
L
For programming all 56TSSOP COP8FLASH.
KANDA’s Flash
ISP Programmer
COP8 USB ISP
www.kanda.com
L
USB connected Dongle, with target cable and Control
Software; Updateable from the web; Purchase from
www.kanda.com
SofTec Micro ISP
Programmer
inDart-COP8
Purchase from www.softecmicro.com
Development
Devices
COP8CBR9/CCR9/CDR9
COPCBE9/CCE9
COP8SBR/SCR9/SDR9
COP8SBE/SCE
COP8AME9
Free
All packages. Obtain samples from: www.national.com
*Cost: Free; VL=<$100; L=$100-$300; M=$300-$1k; H=$1k-$3k; VH=$3k-$5k
www.national.com
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com