Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8-REF-AM Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8-REF-AM
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8-REF-AM Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button COP8-REF-AM Datasheet HTML 10Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 11Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 12Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 13Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 14Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 15Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 16Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 17Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 83 page
background image
Programmable Gain Amplifier Electrical Characteristics (4.5V
≤ AV
CC ≤
5.5V, −40˚C
≤ T
A ≤ +85˚C) (Continued)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Output Swing Low
V
IN =0,
Gain = 1
0.7
mV
Supply Current on AV
CC when
enabled
AV
CC = 5.5V
315
500
µA
Enable Time
40
µS
Disable Time
1µS
Slew Rate (Note 11)
See Table in A/D Section for conditions
that are slew rate limited
1.0
1.5
V/µS
Programmable Gain Tolerance
(Trimmed)
Gain = 1,2,5,
Gain = 10, 20, 49, 98
±1
±2
%
%
Temperature Sensor Electrical Characteristics (−40˚C
≤ T
A ≤ +85˚C)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage at 0˚C
2.7V
≤ AV
CC
≤ 5.5V
1.65
V
Deviation from Equation
-12
+12
˚C
Line Regulation
TBD
mV/V
Enable time
350
µS
Quiescent Current on AVCC when
enabled
AV
CC = 5.5V
300
µA
20006305
FIGURE 1. MICROWIRE/PLUS Timing
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com