Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8-REF-AM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8-REF-AM
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8-REF-AM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  COP8-REF-AM Datasheet HTML 1Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 2Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 3Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 4Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 5Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 6Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 7Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 8Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
COP8AME9
8-Bit CMOS Flash Microcontroller with 8k Memory, Dual
Op Amps, Virtual EEPROM, Temperature Sensor, 10-Bit
A/D and Brownout Reset
1.0 General Description
The COP8AME9 Flash microcontroller is a highly integrated
COP8™ Feature core device, with 8k Flash memory and
advanced features including Virtual EEPROM, dual Op
Amps (one programmable gain), temperature sensor, A/D,
High Speed Timers, USART, and Brownout Reset. The
COP8AME9 has True In-System Programmable Flash
memory with high-endurance (100k erase/write cycles), and
is well suited for applications requiring real-time data collec-
tion and processing, multiple sensory interface, and remote
monitoring. The same device is used for development, pre-
production and volume production with a range of COP8
software and hardware development tools.
Device described in this datasheet:
Device
Flash
Program
Memory
(bytes)
RAM
(bytes)
Brownout
Voltage
I/O
Pins
Packages
Temperature
COP8AME9
8k
512
4.17 to 4.5V
21
28 DIP/SOIC
−40˚C to +85˚C
2.0 Features
KEY FEATURES
n
8 kbytes Flash Program Memory with High Security
n
512 bytes SRAM
n
10-bit Successive Approximation Analog to Digital
Converter (up to 6 external channels)
n
Op Amp Specification:
— One programmable gain (1, 2, 5, 10, 20, 49, 98) with
adjustable offset voltage nulling
— One general purpose with all I/O terminals accessible
— 1 MHz GBW
— Low offset voltage
— High input impedance
— Rail-to-rail input/output
n
Temperature Sensing Diode
n
True In-System Programmability of Flash Memory with
100k erase/write cycles
n
Dual Clock Operation providing Enhanced Power Save
Modes – HALT/IDLE
n
100% Precise Analog Emulation
n
Single supply operation: 4.5V–5.5V
n
Three 16-bit timers:
— Timers T2 and T3 can operate at 50 ns resolution
— Processor Independent PWM mode
— External Event counter mode
— Input Capture mode
n
Brownout Reset
n
20 high sink-current I/Os
n
USART
n
Virtual EEPROM using Flash Program Memory
n
7 input analog MUX with selectable output destination
OTHER FEATURES
n
Quiet Design (low radiated emissions)
n
Multi-Input Wake-up with optional interrupts
n
MICROWIRE/PLUS (Serial Peripheral Interface
Compatible)
n
Clock Doubler for 20 MHz operation from 10 MHz
Oscillator
n
Thirteen multi-source vectored interrupts servicing:
— External Interrupt
— USART (2)
— Idle Timer T0
— Three Timers (each with 2 interrupts)
— MICROWIRE/PLUS Serial peripheral interface
— Multi-Input Wake-Up
— Software Trap
n
Idle Timer with programmable interrupt interval
n
8-bit Stack Pointer SP (stack in RAM)
n
Two 8-bit Register Indirect Data Memory Pointers
n
True bit manipulation
n
WATCHDOG and Clock Monitor logic
n
Software selectable I/O options
— TRI-STATE Output/High Impedance Input
— Push-Pull Output
— Weak Pull-Up Input
n
Schmitt trigger inputs on I/O ports
n
Temperature range: –40˚C to +85˚C
n
Packaging: 28 DIP, and 28 SOIC
COP8™ is a trademark of National Semiconductor Corporation.
PRELIMINARY
February 2004
© 2004 National Semiconductor Corporation
DS200063
www.national.com


Similar Part No. - COP8-REF-AM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8-PGMA-DS NSC-COP8-PGMA-DS Datasheet
443Kb / 42P
8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
COP8-PGMA-DS44P NSC-COP8-PGMA-DS44P Datasheet
443Kb / 42P
8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
More results

Similar Description - COP8-REF-AM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8CBE9 NSC-COP8CBE9 Datasheet
921Kb / 75P
8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10-Bit A/D and Brownout Reset
COP8CBR9 NSC-COP8CBR9 Datasheet
1Mb / 84P
8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
COP8SBR9 NSC-COP8SBR9 Datasheet
972Kb / 80P
8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
COP8CFE9 NSC-COP8CFE9 Datasheet
771Kb / 63P
8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, and 10-Bit A/D
logo
Microchip Technology
PIC16F872 MICROCHIP-PIC16F872_06 Datasheet
2Mb / 168P
28-Pin, 8-Bit CMOS Flash Microcontroller with 10-Bit A/D
2006
logo
National Semiconductor ...
COP8SBE9 NSC-COP8SBE9 Datasheet
841Kb / 70P
8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM and Brownout Reset
logo
Texas Instruments
COP8SBR9 TI1-COP8SBR9_14 Datasheet
1Mb / 105P
COP8SBR9/COP8SCR9/COP8SDR9 8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
COP8CCE9 TI1-COP8CCE9_14 Datasheet
1Mb / 103P
COP8CBE9/CCE9 8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10- Bit A/D and Brownout Reset
COP8AME9 TI1-COP8AME9_14 Datasheet
1Mb / 102P
COP8AME9 8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEPROM, Temperature Sensor, 10-Bit A/D and Brownout Reset
COP8CCE9 TI1-COP8CCE9_15 Datasheet
1Mb / 101P
8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com