Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8860 Datasheet(PDF) 3 Page - Fortune Semiconductor Corp.

Part # FS8860
Description  1.0A Adjustable & Fixed Voltage LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8860 Datasheet(HTML) 3 Page - Fortune Semiconductor Corp.

  FS8860 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
FS8860
Rev. 2.2
3/15
1. General Description
The FS8860 is a low-dropout linear regulator that
operates in the input voltage range from +2.5V to
+7.0V and delivers 1.0A output current.
The FS8860 is available in two types, fixed output
voltage type or adjustable output voltage type. The
fixed output voltage type is preset at an internally
trimmed voltage 1.8V, or 3.3V. Other options 1.5V,
2.85V, 3.0V and 3.6V are available by special order
only. The output voltage range of the adjustable type
is from 1.25V to 5V.
The FS8860 consists of a 1.25V bandgap reference,
an error amplifier, and a P-channel pass transistor.
Other features include short-circuit protection and
thermal shutdown protection. The FS8860 devices
are available in SOT-223 packages.
2. Features
Low dropout voltage 700mV at 1.0A typ.
Adjustable output voltage (FS8860-Cx) or fixed
output voltage (FS8860-xxCx) preset at 1.8V,
or 3.3V
High output voltage accuracy
Fixed output voltage : ±35mV
Adjustable output voltage : ±50mV
Small output capacitor
Output current limit
Thermal overload shutdown protection
SOT-223 Packages
3. Applications
CD-ROM Drivers
Active SCSI Terminators
High Efficiency Linear Regulators
Monitor Microprocessors
Low Voltage Micro-Controllers
Post Regulator for Switching Power
Ordering Information
4. Pin Configurations
1
2
3
SOT-223
FS8860
xxxxxxxx
Part
No.
Pin 1
Pin 2
Pin 3
FS8860
-xxGJ
GND/ADJ
OUT
(TAP)
IN
FS8860-xx x x
Package
Pin Out
J:SOT-223
1.GND 2.OUT 3.IN
Note : For the adjustable voltage types, the
GND pin is replaced with the ADJ pin
Package Type
G : G stands for Green-Package
Output Voltage
18 : 1.8V 25 : 2.5V
28 : 2.8V 33 : 3.3V
36 : 3.6V
VR : Adjustable Output
Note: The output voltages other than the
preset values are available by order
only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com