Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8860 Datasheet(PDF) 5 Page - Fortune Semiconductor Corp.

Part # FS8860
Description  1.0A Adjustable & Fixed Voltage LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8860 Datasheet(HTML) 5 Page - Fortune Semiconductor Corp.

  FS8860 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
FS8860
Rev. 2.2
5/15
7. Typical Application Circuit
8. Functional Block Diagrams
1.25V
Bandgap
Reference
Thermal
Protection
Current Limit
R2
R1
1.25V
Bandgap
Reference
Thermal
Protection
Current Limit
Shutdown
Logic
Shutdown
Logic
9. Absolute Maximum Ratings
Input voltage VIN to GND -------------------------------------------------------------------------------------------------- 9V
Output current limit, I(LIMIT) --------------------------------------------------------------------------------------------- 1.3A
Continuous power dissipation ------------------------------------------------------------------------------ Internally Limited
Junction Temperature, TJ ----------------------------------------------------------------------------------------------- +155°C
Storage temperature range, TSTG --------------------------------------------------------------------- -55℃ to +150℃
Operating junction temperature range ---------------------------------------------------------------- -40℃ to +125℃
Lead temperature (soldering, 10sec) ------------------------------------------------------------------------------- 260℃
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the
device. These are stress ratings only, and function operation of the device at these or any other
conditions beyond those indicated under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
FS8860-Gx
10μF
10μF
10μF
10μF
FS8860-xxGx
VOUT
VOUT
VIN
VIN
2
1
2 )
1
(
R
I
R
R
V
V
ADJ
REF
OUT
×
+
+
×
=
VREF
IADJ
IN
IN
OUT
OUT
GND
ADJ
Fixed Voltage Type
Adjustable Voltage Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com