Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8860 Datasheet(PDF) 10 Page - Fortune Semiconductor Corp.

Part # FS8860
Description  1.0A Adjustable & Fixed Voltage LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8860 Datasheet(HTML) 10 Page - Fortune Semiconductor Corp.

Back Button FS8860 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 14Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
FS8860
Rev. 2.2
10/15
Load Transient
Load Transient
IOU
T
1.0A
500mA
100mV/di
v
CIN
10μF
COUT
10μF
IOU
T
1.0A
0mA
200mV/d
iv
CIN
10μF
COUT
10μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com