Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8860 Datasheet(PDF) 4 Page - Fortune Semiconductor Corp.

Part # FS8860
Description  1.0A Adjustable & Fixed Voltage LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8860 Datasheet(HTML) 4 Page - Fortune Semiconductor Corp.

  FS8860 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
FS8860
Rev. 2.2
4/15
5. Package Marking Information
6. Pin Description
Part NO.
Symbol
Description
FS8860-xxGJ
GND/ADJ
Ground pin or adjust terminal pin.
IN
Regulator input pin.
OUT
Regulator output pin.
IN
is the regulator input pin. Supply voltage can range from 2.5V to 7.0V. An input capacitor is
recommended. A 10µF tantalum on the input is a suitable input bypassing for almost all applications.
OUT is the output voltage pin. Sources up to 0.6A. Bypass with a 10µF capacitor to GND. The capacitor
from VOUT to GND provides compensation feedback to the internal gain stage. This is to ensure stability at
the output terminal. The minimum output capacitance is 10µF tantalum. Any increase of the output
capacitance will improve the loop stability and transient response. The output capacitor increasing its value
will increase stability. COUT = 100µF or more is typical for high current regulator design.
GND provides the reference for all voltages.
ADJ provides VREF=1.25V(Typ.)for adjustable output voltage.
EX:FS8860-33GJ
xxxx:Date Code
EX:FS8860-GJ(ADJ type)
xxxx:Date Code
FS8860
33GJxxxx
FS8860
GJxxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com