Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8860 Datasheet(PDF) 7 Page - Fortune Semiconductor Corp.

Part # FS8860
Description  1.0A Adjustable & Fixed Voltage LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8860 Datasheet(HTML) 7 Page - Fortune Semiconductor Corp.

Back Button FS8860 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 11Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
FS8860
Rev. 2.2
7/15
11. Typical Operating Characteristics
(CIN=10µF, COUT=10µF, TA=+25 , unless otherwise noted.)
℃
OUTPUT VOLTAGE vs. INPUT VOLTAGE
0
0.5
1
1.5
2
2.5
3
3.5
01234
56789
INPUT VOLTAGE (V)
DROPOUT VOLTAGE vs. LOAD CURRENT
0
100
200
300
400
500
600
700
800
100
200
300
400
500
600
700
800
900
1000
LOAD CURRENT (mA)
POWER SUPPLY REJECTION RATIO v s FREQUENCY
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
FREQUENCY (KHz)
GROUND PIN CURRENT vs. AMBIENT
TEMPERATURE
0
10
20
30
40
50
60
70
-40
-30
-20
-10
0
10
20
304050
607080
AMBIENT TEMPERATURE (℃)
Ron vs. LOAD CURRENT
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
100
200
300
400
500
600
700
800
900
1000
LOAD CURRENT (mA)
GROUND PIN CURRENT vs. LOAD CURRENT
0
10
20
30
40
50
60
70
0
1
100
200
300
400
500
600
700
800
900
1000
LOAD CURRENT (mA)
500mA
1mA
200mA
*EX:Model FS8860-33Cx
ILOAD = 0mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com