Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8860 Datasheet(PDF) 14 Page - Fortune Semiconductor Corp.

Part # FS8860
Description  1.0A Adjustable & Fixed Voltage LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8860 Datasheet(HTML) 14 Page - Fortune Semiconductor Corp.

Back Button FS8860 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 15Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
FS8860
Rev. 2.2
14/15
14. Revision History
Version
Date
Page
Description
1.3
2003/04/08
1
Features : The original statement of “Logic Control Shutdown
Function” is a misdescription.
1.3
2003/04/08
1
Ordering Information : The meaning of “C” in Temperature Range is
revised from “-40℃ to +70℃” to “Commercial Standard”.
1.3
2003/04/08
4
Absolute Maximum Ratings : Add Operating Junction Temperature
Range -40℃ to +125℃; Operating Ambient Temperature Range is
revised from “-40℃ to +80℃” to “-40℃ to +85℃”
1.3
2003/04/08
5
Electrical Characteristics : Revise “Fixed Voltage Type VIN ≧
VOUT+0.7V” to “VIN≧VOUT+1.0V”.
1.4
2003/05/06
5
Electrical Characteristics : Cancel example VOUT=3.3V, and show
the whole range of VOUT (Fixed Voltage Type VOUT=1.3V~4.5V)
1.4
2003/05/06
6
Typical Operating Characteristics : Cancel example VOUT=3.3V,
and show the whole range of VOUT (Fixed Voltage Type
VOUT=1.3V~4.5V)
1.5
2003/09/02
1
General Description : Correct wording
1.5
2003/09/02
1
Features : Correct wording
1.5
2003/09/02
1
Ordering Information : Correct wording
1.5
2003/09/02
2
Package Marking Information : Remove SOT-23.
1.5
2003/09/02
3
PIN Description : Correct wording
1.5
2003/09/02
3
Typical Application Schematic : Add Vref and Iadj indication, rewrite
the equation
1.5
2003/09/02
4
Absolution Maximum Rating : Change the value of current limit
from 1.6A to 1.3A.
1.5
2003/09/02
5
Electrical Characteristics : Move the value of Max. Load Current in
“typical field” to “Min. field”
Change the value of current limit from 1.6A to 1.3A
Add Thermal Resistance θJA for SOT-23
1.5
2003/09/02
6
Typical Operating Characteristics : Add Iload = 0 test condition
1.5
2003/09/02
9
Detail Description : Correct wording
1.6
2004/03/16
1
General Description : Cancel the support for whole range from 1.3V
to 4.5V with 100mV increment. Support 3 standard output voltages
1.8V/2.5V/3.3V
and
adjustable
output
type.
Reserve
1.5V/2.85V/3.0V/3.6V output voltages by special order only. Support
SOT-223/TO-252 packages only. Cancel TO-263/TO-220 packages
support. Correct wording.
1.6
2004/03/16
1
Features : Support SOT-223/TO-252 packages only. Cancel
TO-263/TO-220 packages support.
1.6
2004/03/16
1
Ordering Information : Cancel the support for whole range from 1.3V
to 4.5V with 100mV increment. Support 3 standard output voltages
1.8V/2.5V/3.3V
and
adjustable
output
type.
Reserve
1.5V/2.85V/3.0V/3.6V output voltages by special order only. Support
SOT-223/TO-252 packages only. Cancel TO-263/TO-220 packages
support. Reserve CG/CH/CJ/CP/CR 5 package types only. Change
GND to GND/ADJ in pin configuration tables.
1.6
2004/03/16
2
Pin Description : Reserve CG/CH/CJ/CP/CR 5 package types only.
Correct wording. Change GND to GND/ADJ in pin description tables.
1.6
2004/03/16
3
Change Typical Application Schematic to Typical Application Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com