Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS9721_LP3-PCE Datasheet(PDF) 29 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3-PCE
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3-PCE Datasheet(HTML) 29 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP3-PCE Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 33Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
FS9721_LP3
Rev. 2.1
29/39
15.10
Current Measurement
The difference between Current Measurement(A)and Current Measurement(B) is as follow:
Mode
Mode
Current Measurement
(A)
Current Measurement
(B)
TSTB Open
TSTB connects to VSS
Measureme
nt
Sampling
Resistanc
e
Measureme
nt
Sampling
Resistanc
e
A
10A
0.01Ω
10A
4A
0.01Ω
mA
400mA
40mA
10Ω
400mA
40mA
1Ω
μA
4000μA
400μA
1kΩ
4000μA
400μA
100Ω
Max.
Voltage
Reduction
4V
0.4V
J7
J1
uA/mA
10A
FS9721_LP3
0.5A/250V
10A/250V
COM
SMV
SA
R17
990
R16
9.99
R28
0.01
SGND
R31
10k
TSTB
R19 900k
DT
R18
100k
Diagram 26
Current Measurement(A)
In TSTB open mode, the current signal enters IC from R19.
When doing the current measurement, The sampling resistance of μA mode is R16+R17+R28, the
sampling resistance of mA mode is R16+R28, and the sampling resistance of 10A mode is R28. They are
measured respectively through the mode switch. When measuring μA, J1 is open and J7 is close; when
measuring mA, J7 is open and J1 is close; the large current enters directly via 10A port.
The maximum reduced voltage for μA, mA and 10A modes is 4V. These voltages are input voltage
comparator to compare. If the voltage is smaller than 400mV, it will be sent to ×10 times ampifier to amplify,
then sent to A/D converter; if the voltage is larger than 400mV, the system will work the auto-ranging signal, and
jump up one mode under the control of microprocessor and send the current signal directly to the A/D
converter.
The accuracy of resistance R16, R17, R28, R18 and R19 affects the accuracy of the current measurement.
J7
J1
uA/mA
10A
FS9721_LP3
0.5A/250V
10A/250V
COM
SA
AGND
R17
99
R16
0.99
R28
0.01
SGND
TSTB
Diagram 27
Current Measurement(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com