Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS9721_LP3-PCE Datasheet(PDF) 10 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3-PCE
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3-PCE Datasheet(HTML) 10 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP3-PCE Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 14Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
FS9721_LP3
Rev. 2.1
10/39
13
RCAP
1.794
0.077
52
SEG10
1.423
2.495
14
ONEK
1.919
0.077
53
SEG9
1.298
2.495
15
TENK
2.044
0.077
54
SEG8
1.173
2.495
16
HUNK
2.169
0.077
55
SEG7
1.048
2.495
17
ONEM
2.294
0.077
56
SEG6
0.923
2.495
18
TENM
2.419
0.077
57
SEG5
0.798
2.495
19
CRES2
2.544
0.077
58
SEG4
0.673
2.495
20
TSTB
2.669
0.077
59
SEG3
0.548
2.495
21
ADPC1
2.809
0.077
60
SEG2
0.408
2.495
22
ADPC2
2.949
0.077
61
SEG1
0.268
2.495
23
SELECT
3.147
0.077
62
COM1
0.091
2.495
24
RANGE
3.157
0.396
63
COM2
0.077
2.176
25
REL
3.157
0.536
64
COM3
0.077
2.036
26
HOLD
3.157
0.661
65
COM4
0.077
1.911
27
Hz/DUTY
3.157
0.786
66
ENTX
0.077
1.786
28
CAP
3.157
0.911
67
BEEPER
0.077
1.661
29
MEA4
3.157
1.036
68
BLOUT
0.077
1.536
30
MEA3
3.157
1.161
69
RST
0.077
1.411
31
MEA2
3.157
1.286
70
REFI
0.077
1.286
32
MEA1
3.157
1.411
71
REFO
0.077
1.161
33
LCDC1
3.157
1.536
72
FTA
0.077
1.036
34
LCDC2
3.157
1.661
73
FTB
0.077
0.911
35
TSTA
3.157
1.786
74
FTC
0.077
0.786
36
VSS
3.157
1.911
75
TSTC
0.077
0.661
37
AGND
3.157
2.036
76
OP1N
0.077
0.536
38
VDD
3.157
2.176
77
OP1O
0.077
0.396
39
VB
3.148
2.495
78
OP2P
0.083
0.077
9.
Technical Specification(
(
(
(VDD=3V,
,
,
,Ta=25℃
℃
℃
℃
)
)
)
)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VDD
Recommend Operation
Power Voltage
2.4
3.6
V
IDD
Supply Current
At DCV Mode
1.5
2
mA
IPO
Power Supply Current
At Power Off
10
μA
VIH
Digital Input High Voltage
VDD-0.
5
V
VIL
Digital Input Low Voltage
0.5
V
Ipu
Pull up Current
Vin=0
5
10
μA
AGND
Analog Ground Voltage
VDD/2
-3%
VDD/2
VDD/2
+3%
V
VDDA
Analog Power
3.4
3.7
4
V
VBAND
Build in Reference Voltage
Relative AGND
1.1
1.25
1.4
V
Build in Reference Voltage
Output Voltage Coefficient
VDD=2.4V~3.6V
-2000
+2000
ppm/V
REFI
Recommend Reference
input Voltage
Relative AGND
0.44
V
VBATT
Low Battery Detector
Voltage
2.25
2.4
2.55
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com