Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS9721_LP3-PCE Datasheet(PDF) 36 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3-PCE
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3-PCE Datasheet(HTML) 36 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP3-PCE Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 34Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 35Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 36Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 37Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 38Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 39Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
FS9721_LP3
Rev. 2.1
36/39
17.2.1 U4: Input Voltage, Resistance, Diode and Capacitance.
17.2.2 U5: Analog Signal to Ground.
17.2.3 U6: Input Voltage (mV), Hz and Duty Cycle.
17.2.4 U7: Current Mode Measuring Terminal. (Input Voltage)
17.2.5 J1~J10: Please refer to “FS9721_LP3 Measurement Mode and Jumper Setup”.
17.2.6 S1~S5: Please refer to “FS9721_LP3 Demo Board Schematic”.
17.2.7 SW-DIP8: (If switch SW to ON, it is Low Level)
CAP Function mode (MEAS
1101)
1
Ohm / Diode /Cont.
0
Ohm / Diode /Cont. / CAP
MEA4
MEA3
MEA2
MEA1
Function mode
1
1
1
1
DC/AC Voltage (including DC mV
mode)
1
1
0
1
Ohm/Diode/Cont./CAP
1
0
1
0
DC Voltage (no DC mV mode)
1
0
0
1
AC Voltage
1
0
1
1
DC mVmode
1
0
0
0
10A
1
1
1
0
mA
1
1
0
0
µA
0
1
1
1
Capacitance Mode
0
1
0
1
Hz/Duty
0
0
D1
D0
ADP
0
1
1
0
ADP
0
1
0
0
ACA(400.0A, 4000A)
17.2.8 LCDC1、LCDC2 can control LCD symbol. It shows as below in demo board:
LCDC1 LCDC2 LCD Symbol
0
0
T1
1
0
hFE
0
1
℃
1
1
T2
TSTB
Function Mode (MEAS = 1000) (MEAS = 1110) (MEAS = 1100)
1
*
Input Voltage (400mV~4V)
0
*
Input Voltage (40mV~400mV)
17.2.9 To input (400mV~4V), the conditions are (TSTB=1) & (J3,J8 Short)
Ex:(MEAS=1100) & (Input:V/Diode/Ohm/CAP,COM)
Input Voltage
LCD Display(µA)
40mV
40.0
400mV
0400
4.00V
4000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com