Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS9721_LP3-PCE Datasheet(PDF) 22 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3-PCE
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3-PCE Datasheet(HTML) 22 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP3-PCE Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 20Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 21Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 22Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 26Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
FS9721_LP3
Rev. 2.1
22/39
15.4
Base Power
R8
40K
VR1
10K
REFI
REFO
FS9721_LP3
R6
20K
Diagram 14
Utility of Internal Base Power
20K
20K
15k
VGG
ICL8069A
REFI
FS9721_LP3
Diagram 15
Utility of External Base Power
15.5
Trigger Reset Circuit
RST
FS9721_LP3
VDD
C6
10nF
S2
RESET
R1
100k
Diagram 16
Reset Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com