Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS9721_LP3-PCE Datasheet(PDF) 4 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3-PCE
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3-PCE Datasheet(HTML) 4 Page - Fortune Semiconductor Corp.

  FS9721_LP3-PCE Datasheet HTML 1Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 2Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 3Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 4Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 5Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
FS9721_LP3
Rev. 2.1
4/39
1.
Introduction
FS9721_LP3 is a high performance, low power consumption and 3
3/4 digits (4000 Counts) Analog to
Digital Converter that built-in the microprocessor (ADC+MCU). It includes the 8 bits microprocessor, low
noise and high stability OPAMP, AC rectifier OPAMP, voltage promotion and regulated voltage power, high
regulated bandgap, auto measurement switch and function control circuit, buzzer driver circuit, clock
oscillation circuit, backlight display control circuit, LCD display driver circuit and so on.
With the microprocessor, FS9721_LP3 can process the logic function control via I/O ports, and through
the codes of MEA1〜MEA4 pins, it can assemble various measurement functions, as well as construct fully
auto measurement meter through the code settings. For the settings of Range, Select, Hold, Rel, BLCTR,
Hz/Duty and Reset keys, it can be fulfilled the measurement mode select, function switch, reading hold,
relative value measurement, backlight display, frequency and duty cycle measurement, reset and so on
functions by triggering these keys.
FS9721_LP3 has the serial data output function so that users can connect the meter and the
equipment of computer for recording, analyzing, processing and printing the measuring data.
With regard to the auto power off function, when there is no action within 30 minutes on the switch or
keys of the meter, the system will enter the sleep mode automatically to save the power. In the process of
using the meter, if it is not necessary to power off automatically, the function can also be cancelled in use.
FS9721_LP3 is made by large integrated circuit technology so that rise greatly up the reliability of the
product, and make the design be simple and the volume be small. It takes low power voltage so as to be low
power consumption and is convenient to use the power supply of battery, especially is proper for the use on
the palm mode meter.
FS9721_LP3 is a microprocessor-embedded and multifunctional measuring ADC so that just less
external components added, it can be a high accuracy, lots functions and low cost measuring meter.
2.
Features
2.1
Max. Display: 4000 Counts (3 3/4 digits).
2.2
Conversion Rate: 3 times/sec.
2.3
The Negative Indication: Auto.
2.4
Power Voltage Range: 2.4V〜
〜
〜
〜3.6V.
2.5
Chip Power Consumption: ≤6mW.
2.6
Low Battery Warning: Approx. 2.4V.
2.7
Buzzer Driver Circuit (Frequency is about 2.7kHz).
2.8
RS232 Serial Data Output
2.9
Embedded OPAMP for AC/DC conversion.
2.10 Function Keys: Range, Hold/BLCTR, Rel, Select, Hz/Duty, RS232 and Reset.
2.11 Unit Symbol and Backlight Display.
2.12 Auto Power-off.
3.
Measurable Modes
3.1
DC Voltage: 400.0mV, 4.000V, 40.00V, 400.0V, 1000V.
3.2
AC Voltage: 400.0mV, 4.000V, 40.00V, 400.0V, 1000V.
3.3
DC Current: 400.0μA / 4000μA,40.00mA / 400.0mA,10.00A.
3.4
AC Current: 400.0μA / 4000μA,40.00mA / 400.0mA,10.00A,400.0A / 4000A.
3.5
Resistance: 400.0Ω, 4.000kΩ, 40.00kΩ, 400.0kΩ, 4.000MΩ, 40.00MΩ.
3.6
Capacitance: 51.20nF,512.0nF,5.120μF,51.20μF,100.0μF(15Sec).
3.7
Frequency: 5.120Hz,51.20Hz,512.0Hz,5.120kHz,51.20kHz,512.0kHz,5.120MHz.
3.8
Duty Cycle: 0.1%〜99.9%.
3.9
Diode: 0V〜1.5 V.
3.10 Open-Short Test: Sound when lower than 50Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com