Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS9721_LP3-PCE Datasheet(PDF) 31 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3-PCE
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3-PCE Datasheet(HTML) 31 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP3-PCE Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 34Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 35Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
FS9721_LP3
Rev. 2.1
31/39
15.13
Open-Short Test
J5
J3
FS9721_LP3
TENM
ONEK
SMV
SGND
AGND
PTC
1k
Continuity
COM
R26 10M
R22 1k
R19 900k
Rx
R31 10k
Diagram 30
Open-Short Tests
Open-Short Test is proceeded in 400Ω resistance mode. 0.4V voltage (relative to AGND) is generated by
internal IC and is output through R22, then is added to open-short measuring point through PTC. J3 and J5 are
mode switches that are close during doing the open-short test. Rx gets voltage VRX, and enters IC through R19.
If Rx is smaller than 50Ω, the buzzer will sound.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com