Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS9912 Datasheet(PDF) 31 Page - Fortune Semiconductor Corp.

Part # FS9912
Description  8-bit MCU with 4k program ROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9912 Datasheet(HTML) 31 Page - Fortune Semiconductor Corp.

Back Button FS9912 Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 34Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
FS9912
Rev. 3.6
31/34
12. Package Outline
LQFP64: plastic low profile quad flat package; 64 leads; body 10 x 10 x1.4 mm
Note: 1.Plastic or metal protrusions of 0.25 mm maximum per side are not included.
DIMENSIONS (mm are the origlinal dimensions)
UNIT
mm
A
max. A1
A2
A3
0.15
0.05
1.45
1.35
0.25
0.27
0.17
1.60
bp
c
0.20
0.09
DE
e
H
HL
Lp
v
w
y
Z
Z
Θ
10.1
9.9
10.1
9.9
0.5
12.15
11.85
12.15
11.85
1.0
0.075
0.75
0.45
0.2
0.12
1.45
1.05
7 °
0 °
1.45
1.05
DE
(1)
(1)
(1)
(1)
DE
05 mm
2.5
scale
B
A
v
B
v M
M
M
M
w
w
Z
D
H
D
bp
D
e
pin 1 index
e
bp
A
ZE
EH E
A
A2
A1
detail x
L
Lp
(A3)
Θ
x
c
y
48
49
33
32
64
116
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com