Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS9912 Datasheet(PDF) 9 Page - Fortune Semiconductor Corp.

Part # FS9912
Description  8-bit MCU with 4k program ROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9912 Datasheet(HTML) 9 Page - Fortune Semiconductor Corp.

Back Button FS9912 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 13Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
FS9912
Rev. 3.6
9/34
8.
Typical Application Circuit
8.1 Application Circuit of Ear Thermometer
FS9912
LQFP 64
54
53
55
57
56
62
63
64
59
58
61
60
FT2
REFI
FT1
AD6
AD7
AD1
AD0
VB
AD4
AD5
AGND
AD2
AD3
52
51
50
OP1O
OP1N
REFO
49
27
28
26
24
25
19
18
17
22
23
20
21
SEG1
SEG2
RLCD
VGG
VDDA
TST
WDTEN
XOUT
CB
CA
XIN
RST
VDD
29
30
31
SEG4
SEG5
SEG3
32
1u
F
1u
F
1u
F
8888 C
100
k
100
k
2.2n
F
4MHz
1M
2.4V~3.6V
50
k
20
k
DC
Analog to Digital
Converter
VIN+
VIN-
VR+
VR-
REFI
AGND
27n
F
10n
F
OP1O
AD1
1u
F
2.2n
F
300
k
10
k
+
-
AD3
AD2
600
k
Rref
700k
Thermister
Thermopile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com