Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS9912 Datasheet(PDF) 26 Page - Fortune Semiconductor Corp.

Part # FS9912
Description  8-bit MCU with 4k program ROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9912 Datasheet(HTML) 26 Page - Fortune Semiconductor Corp.

Back Button FS9912 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 30Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
FS9912
Rev. 3.6
26/34
e.
Set LOAD=0, FCRST=1, and P1.2 frequency starts measuring.
f.
Wait till positive edge of P1.2, then Start=1 and CTA and CTB start counting.
g.
Wait till CTA overflows and at the next positive edge of P1.2, then Start=0 and CTA and CTB
stop counting.
h.
When the CPU receives interrupt signal, the CPU will read CTA and CTB. Here CTA is the
reference clock counter, and CTB counts when P1.2=1.
i.
The duty cycle of P1.2 is 100% x CTB/(CTA+CTAI). Go to “a” for next measurement.
C.
Timer Mode: FCM=10
a.
Load=1, FCRST=0
b.
Write 14h and 15h to CTA [23:8] to set initial value of CTAI.
c.
Set GT [2:0] to select the length of counter CTA. GT=000 sets CTA [23:8] as a 16-bit counter
and CTA [7] is as the clock input; CTA [23:0] is a 24-bit counter. GT=111 sets CTA [23:8] as a
16-bit counter and CTA [0] is as the clock input; {CTA [23:8], CTA [0]} is set as a 17-bit
counter.
d.
Gate Time = (1000000h-CTAI x 256) x 1us … if GT=000
e.
When CTA overflows, then send interrupt signal to the CPU.
f.
If CPU receives interrupt signal, then Go to “a”.
11.6 Measurement Part Block Diagram
Analog to Digital Converter
SOP1P=111
SOP1P=110
SOP1P=101
SOP1P=100
SOP1P=011
SOP1P=010
SOP1P=001
SOP1P=000
OP1
+
-
SINH=111
SINH=110
SINH=101
SINH=100
SINH=011
SINH=010
SINH=001
SINH=000
SFTA=1
SFT=00
SFT=01
SFT=10
SFT=11
SVRH=1
SVRH=0
SVRL=1
SVRL=0
AGND
AD1
AGND
AD6
AD5
AD0
AD3
AD4
AD2
AD0
AD4
AD5
VDD
OP1P
VRL
VRH
OP1O
SINL=11
SINL=10
SINL=01
SINL=00
AD4
AD0
REFI
ADINH
ADINL
VRH
VRL
AD1
AD4
AGND
AD7
ADO[15:0]
ADCGB[1:0]
AZ
ADEN
ADRST
AD1
AD2
AD3
AD4
AD5
AD6
AD7
AD0
REFI
AGND
SONE=1
SONE=0
FTIN
ENOP
OP1P
11.7 ADC
Address Name
Content
010H
ADOH
ADO [15:8]
011H
ADOL
ADO [7:0]
013H
ADCON
ADRST
02BH
NETC
ADG1
ADG0
ADEN
AZ
The ADC (analog to digital converter) contains
Σ-Δ modulator and digital comb filter. When ADRST=1,
comb filter will be enabled. When ADRST=0, the comb filter will be reset. ADEN=1 starts the S-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com