Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS9912 Datasheet(PDF) 27 Page - Fortune Semiconductor Corp.

Part # FS9912
Description  8-bit MCU with 4k program ROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9912 Datasheet(HTML) 27 Page - Fortune Semiconductor Corp.

Back Button FS9912 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 31Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
FS9912
Rev. 3.6
27/34
modulator.
ADO is the ADC output. The maximum value is 3D09h and the minimum is C2F7h (-3D09h). FFFF
means (-0001).
The output rate of the ADC is 40Hz. When the output data are updated, the interrupt signal is sent to the
CPU. If ADIE=1, then ADIF is set to 1.
AZ=0 means that the ADC differential inputs are (INH, INL); AZ= 1 means that the ADC differential inputs
are (INL,INL). We can use this mode to measure the ADC offset.
ADCGB [1:0] will set ADC input gain as follows, 00: 2/3, 01: 1, 10: 2, 11: 2 1/3.
11.8 Analog Multiplex
Address
Name
Content
029H
NETA
SINL1
SINL0
SINH2
SINH1
SINH0
SOP1P2 SOP1P1 SOP1P0
02AH
NETB
SVRH
SVRL
ENOP
SONE
SFTA
SFT1
SFT0
OP1P: OP1 Positive Input
SOP1O
000
001
010
011
100
101
110
111
Select
AD2
AD4
AD3
AD0
AD5
AD6
AGND
AD1
FTIN: Low Pass Filter Input
SINH
000
001
010
011
100
101
110
111
Select
OP1O
VRH
VRL
OP1P
VDD
AD5
ADINL: ADC Negative Input
SINL
00
01
10
11
Select
AD7
AGND
AD4
AD1
4. ADINH: Filter Output, ADC Positive Input
SFT [1:0]
00
01
10
11
Select
FT1
FTIN
AD0
AD4
VRH: ADC Reference Voltage Positive Input
SVRH
0
1
Select
REFI
AD0
VRL: ADC Reference Voltage Negative Input
SVRL
0
1
Select
AGND
AD4
External Filter Control: SFTA=0: FTIN and FT1 open. SFTA=1: FTIN and FT1 short.
11.9 Low Noise OPAMP
Address
Name
Content
027H
PT2MR
BPE2,
BPE1
OPC1
OPC0
BPS
PMPS
02AH
NETB
SVRH
SVRL
ENOP
SONE
SFTA
SFT1
SFT0
ENOP is the OPAMP enable control signal
SONE=1, the output and negative input of OPAMP is short and OPAMP is unit gain buffer.
OPC can set OP1 input operation mode as follows, 00: +Offset, 01: -Offset, 10: 2KHz chopper frequency,
11: 1KHz Chopper frequency.
11.10 LCD Driver
030H
LCD1
SEG1 [3:0], SEG2 [3:0]
031H
LCD2
SEG3 [3:0], SEG4 [3:0]
032H
LCD3
SEG5 [3:0], SEG6 [3:0]
033H
LCD4
SEG7 [3:0], SEG8 [3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com